Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

853S54AKI-01LF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 853S54AKI-01LF
Description  Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S54AKI-01LF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 853S54AKI-01LF Datasheet HTML 4Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 5Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 6Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 7Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 8Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 9Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 10Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 11Page - Integrated Device Technology 853S54AKI-01LF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
©2017 Integrated Device Technology, Inc.
March 2, 2017
853S54I-01 Datasheet
Parameter Measurement Information
LVPECL Output Load AC Test Circuit
Part-to-Part Skew
Output Rise/Fall Time
Differential Input Level
MUX Isolation
Propagation Delay
SCOPE
Qx
nQx
V
EE
VCC
2V
-0.375V to -1.465V
nQx
Qx
nQy
Qy
tsk(pp)
Par t 1
Par t 2
nQA[0:1],
nQB
QA[0:1],
QB
nINA[0:1], nINB
INA[0:1], nINB
VCC
VEE
V
CMR
Cross Points
V
PP
A0
Spectrum of Output Signal Q
MUX_ISOL = A0 – A1
(fundamental)
Frequency
ƒ
MUX selects static input
MUX selects active
input clock signal
A1
t
PD
nQA[0:1],
nQB
QA[0:1],
QB
nINA[0:1],
nINB
INA[0:1],
INB


Similar Part No. - 853S54AKI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S54AKI-01LF IDT-853S54AKI-01LF Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
853S54AKI-01LF RENESAS-853S54AKI-01LF Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54AKI-01LFT IDT-853S54AKI-01LFT Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
853S54AKI-01LFT RENESAS-853S54AKI-01LFT Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
More results

Similar Description - 853S54AKI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com