Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854S006AGILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 854S006AGILF
Description  Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

854S006AGILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 854S006AGILF Datasheet HTML 6Page - Integrated Device Technology 854S006AGILF Datasheet HTML 7Page - Integrated Device Technology 854S006AGILF Datasheet HTML 8Page - Integrated Device Technology 854S006AGILF Datasheet HTML 9Page - Integrated Device Technology 854S006AGILF Datasheet HTML 10Page - Integrated Device Technology 854S006AGILF Datasheet HTML 11Page - Integrated Device Technology 854S006AGILF Datasheet HTML 12Page - Integrated Device Technology 854S006AGILF Datasheet HTML 13Page - Integrated Device Technology 854S006AGILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
©2017 Integrated Device Technology, Inc.
April 11, 2017
854S006 Datasheet
3.3V Differential Clock Input Interface
CLK/nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and other differential signals. Both VSWING and VOH must meet the VPP and
VCMR input requirements. Figure 13 to Figure 18 show interface examples for the CLK/nCLK input driven by the most common driver
types. The input interfaces suggested here are examples only. Please consult with the vendor of the driver component to confirm the
driver termination requirements. For example, in Figure 13, the input termination applies for IDT open emitter LVHSTL drivers. If you are
using an LVHSTL driver from another vendor, use their termination recommendation.
Figure 13. CLK/ nCLK Input Driven by an
IDT Open Emitter LVHSTL Driver
Figure 14. CLK/ nCLK Input Driven by a
3.3V LVPECL Driver
Figure 15. CLK/ nCLK Input Driven by a
3.3V LVPECL Driver
Figure 16. CLK/ nCLK Input Driven by a
3.3V LVDS Driver
Figure 17. CLK/ nCLK Input Driven by a
3.3V HCSL Driver
Figure 18. CLK/ nCLK Input Driven by a
2.5V SSTL Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input
CLK
nCLK
Differential
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
Ω
R2
120
Ω
R3
120
Ω
R4
120
Ω


Similar Part No. - 854S006AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
854S006AGILF IDT-854S006AGILF Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
854S006AGILF IDT-854S006AGILF Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006AGILF IDT-854S006AGILF Datasheet
272Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
logo
Renesas Technology Corp
854S006AGILF RENESAS-854S006AGILF Datasheet
1Mb / 18P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
logo
Integrated Device Techn...
854S006AGILFT IDT-854S006AGILFT Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
More results

Similar Description - 854S006AGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
logo
Integrated Device Techn...
854S006I IDT-854S006I Datasheet
272Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
   Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
logo
Integrated Device Techn...
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com