Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1623TCG70 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BS616LV1623TCG70
Description  Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS616LV1623TCG70 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BS616LV1623TCG70 Datasheet HTML 1Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 2Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 3Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 4Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 5Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 6Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 7Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 8Page - List of Unclassifed Manufacturers BS616LV1623TCG70 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision 1.1
Jan.
2004
4
DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
BSI
BS616LV1623
R0201-BS616LV1623
1. Typical characteristics are at TA = 25oC.
2. Fmax = 1/t
RC .
3. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
4. Icc_Max. is 45mA(@55ns) / 36mA(@70ns) during 0~70oC operation.
5. IccsB1 is 10uA at Vcc=3.0V and TA=70oC.
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP.
(1)
MAX.
UNITS
--
VIL
Guaranteed Input Low
Voltage(3)
Vcc=3V
-0.5
0.8
V
VIH
Guaranteed Input High
Voltage(3)
Vcc=3V
2.0
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE1 = VIH, or CE2 =ViL, or
OE = VIH, VI/O = 0V to Vcc
--
--
1
uA
VOL
Output Low Voltage
Vcc = Max, IOL= 2mA
Vcc=3V
--
--
0.4
V
VOH
Output High Voltage
Vcc = Min, IOH= -1mA
Vcc=3V
2.4
--
--
V
--
--
46
ICC
Operating Power Supply
Current
CE1 = VIL and CE2 = VIH
, IDQ = 0mA, F =Fmax(2)
Vcc=3V
--
--
37
mA
ICCSB
Standby Current-TTL
CE1 = VIH or CE2 = VIL
, IDQ = 0mA
Vcc=3V
--
--
1.3
mA
ICCSB1
Standby Current-CMOS
CE1Vcc-0.2V, or
CE20.2V, VINVcc-0.2V
or VIN0.2V
Vcc=3V
--
320
uA
(4)
(5)
55ns
70ns


Similar Part No. - BS616LV1623TCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC BSI-BS616LV1622TC Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC-55 BSI-BS616LV1622TC-55 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC-55 BSI-BS616LV1622TC-55 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC-70 BSI-BS616LV1622TC-70 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
More results

Similar Description - BS616LV1623TCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com