Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ901X4S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BUZ901X4S
Description  NEW PRODUCT UNDER DEVELOPMENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUZ901X4S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BUZ901X4S Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ901X4S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* Pulse Test: Pulse Width = 300
µS , Duty Cycle ≤ 2%
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
VGS = –10V
BUZ900X4S
ID = 10mA
BUZ901X4S
VDS = 0
IG = ±100µA
VDS = 10V
ID = 100mA
VGD = 0
ID = 32A
VGS = –10V
VDS = 160V
BUZ900X4S
VDS = 200V
BUZ901X4S
VDS = 10V
ID = 5A
VDS = 10V
f = 1MHz
VDS = 20V
ID = 7A
Drain – Source Breakdown Voltage
Gate – Source Breakdown Voltage
Gate – Source Cut–Off Voltage
Drain – Source Saturation Voltage
Drain – Source Cut–Off Current
Forward Transfer Admittance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–on Time
Turn-off Time
BVDSX
BVGSS
VGS(OFF)
VDS(SAT)*
IDSX
yfs*
Ciss
Coss
Crss
ton
toff
V
V
V
V
mA
mA
S
pF
nS
ELECTRICAL RATINGS (T
case = 25°C unless otherwise stated)
Prelim. 4/94
160
200
±14
0.1
1.5
12
10
10
2
6
TBE
TBE
TBE
TBE
TBE
TEC
MAGNA
Magnatec. Telephone (0455) 554711. Telex: 341927. Fax (0455) 552612.
G
S
D
BUZ900X4S
BUZ901X4S
NEW PRODUCT UNDER DEVELOPMENT


Similar Part No. - BUZ901X4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ901 ETC1-BUZ901 Datasheet
43Kb / 4P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
BUZ901 NJSEMI-BUZ901 Datasheet
82Kb / 2P
   N-CHANNEL POWER MOSFET
logo
eleflow technologies co...
BUZ901 ELEFLOW-BUZ901 Datasheet
184Kb / 4P
   N-channel power mosfet
logo
Inchange Semiconductor ...
BUZ901D ISC-BUZ901D Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
BUZ901DP ETC-BUZ901DP Datasheet
45Kb / 3P
   N-CHANNEL POWER MOSFET
More results

Similar Description - BUZ901X4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ905 ETC-BUZ905 Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
logo
Texas Instruments
LS240-WI-01-A20 TI-LS240-WI-01-A20 Datasheet
341Kb / 4P
[Old version datasheet]   Wireless Product Development
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
Rohm
BD8108FM ROHM-BD8108FM Datasheet
814Kb / 16P
   White LED driver IC (under development) HSOP-M28 package
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F_02 Datasheet
206Kb / 6P
   TENTATIVE (UNDER DEVELOPMENT) TOSHIBA CMOS DIGITAL INTERATED CIRCUIT SILICON MONOLITHIC
logo
COSMO Electronics Corp...
KMOC308X COSMO-KMOC308X Datasheet
306Kb / 4P
   COSMO New Product Photo Triac KMOC308X Series 800V
logo
Microchip Technology
DM320016 MICROCHIP-DM320016 Datasheet
343Kb / 6P
   PCAP Touch Pad Development Kit with Gestures Product Brief
10/28/13
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
List of Unclassifed Man...
VL-ENCL-5 ETC2-VL-ENCL-5 Datasheet
368Kb / 15P
   The VL-ENCL-5 provides easy access, superb protection and portable convenience for products under development.
logo
Sharp Corporation
IR3E3074 SHARP-IR3E3074 Datasheet
1Mb / 24P
   Product Development Dept. I Analog Ic Division Integrated Circuits Group SHARP CORPORATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com