Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR34 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BR34
Description  MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BR34 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BR34_16 Datasheet HTML 1Page - Pan Jit International Inc. BR34_16 Datasheet HTML 2Page - Pan Jit International Inc. BR34_16 Datasheet HTML 3Page - Pan Jit International Inc. BR34_16 Datasheet HTML 4Page - Pan Jit International Inc. BR34_16 Datasheet HTML 5Page - Pan Jit International Inc. BR34_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BR34 SERIES
May
9,2016-REV.04
PAGE . 1
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss,high efficiency
• High surge capacity
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0032 ounce
s, 0.092 grams
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOTES :
1. Pulse Test with PW=300µsec, 2% Duty Cycle.
2. Mounted on a FR4 PCB, single-sided copper, mini pad.
3. Mounted on a FR4 PCB, single-sided copper, with 100cm 2 copper pad area
VOLTAGE
40 to 200 Volt
CURRENT
3 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load.
1
2
Cathode
Anode
PARAMETER
SYMBOL
BR34
BR34A
BR35
BR36
BR38
BR39
BR310
BR315
BR320
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
4 0
4 5
50
60
80
90
100
150
200
V
Maximum RMS Voltage
V
RMS
2 8
3 1 . 5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
V
DC
4 0
4 5
50
60
80
90
100
150
200
V
Maximum Average Forward Current
I
F(AV)
3A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I
FSM
80
A
Maximum Forward Voltage at 3A (Notes 1)
V
F
0.7
0.74
0.8
0.9
V
Maximum DC Reverse Current at Rated DC Blocking
Voltage
T
J=25
OC
I
R
0.05
mA
T
J=125
OC20
10
Typical Thermal Resistance
(Notes 2)
(Notes 3)
R
θJA
R
θJL
135
23
OC / W
Operating Junction and Storage Temperature Range
T
J ,T STG
-55 to +150
-65 to +175
OC


Similar Part No. - BR34_16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR348AD/D NXP-BR348AD/D Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
logo
Pan Jit International I...
BR34A PANJIT-BR34A Datasheet
104Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR34A TAYCHIPST-BR34A Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
More results

Similar Description - BR34_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR22E PANJIT-SR22E Datasheet
188Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_16 Datasheet
287Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_05 Datasheet
39Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_05 Datasheet
50Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_09 Datasheet
120Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32E PANJIT-SR32E Datasheet
111Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR34 TAYCHIPST-BR34 Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BR36-AU PANJIT-BR36-AU Datasheet
196Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BR810 PANJIT-BR810 Datasheet
96Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22E PANJIT-SR22E_09 Datasheet
108Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_09 Datasheet
111Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com