Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR26-AU_R2_000A1 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BR26-AU_R2_000A1
Description  MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BR26-AU_R2_000A1 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BR26-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. BR26-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. BR26-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. BR26-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc. BR26-AU_R2_000A1 Datasheet HTML 5Page - Pan Jit International Inc. BR26-AU_R2_000A1 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
December 29,2016-REV.10
BR26-AU / BR210-AU
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss, high efficiency
• High surge capacity
• Acquire quality system certificate : TS16949
• AEC-Q101qualified
• Lead free in compliance with EU RoHS2.0 (2011/65/EU & 2015/865/EU
directive)
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : JEDECDO-214AC molded plastic
• Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
• Standard packaging : 12mm tape (EIA-481)
• Weight : 0.0023 ounce, 0.0679 gram
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOTES :
1. Pulse Test with PW =300µsec, 1% Duty Cycle.
2. Mounted on a FR4 PCB, single-sided copper, with 100cm 2 copper pad area.
3. Mounted on a FR4 PCB, single-sided copper, mini pad.
VOLTAGE
60 to 100 Volt
2 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
1
2
Cathode
Anode
PARAM ETER
SY MBO L
BR26- AU
BR210-AU
UNI TS
M aximum Recur rent Peak Rever se Volt age
V
RRM
60
100
V
M aximum R MS Volt age
V
RM S
42
70
V
M aximum D C Blocking Volt age
V
DC
60
100
V
M aximum A ver age For w ard C urr ent ( See Fi gure 1)
I
F( AV)
2A
Peak For w ar d Surge Curr ent : 8. 3ms si ngle half s ine- w ave
s uperimposed on r at ed load
I
FSM
50
A
M aximum Forw ar d Volt age at 2 A ( Not es 1)
V
F
0. 7
0. 8
V
M aximum DC Rever se C ur rent a t Ra t ed DC Blocking
Volt age
T
J=2 5
O
C
T
J=1 0 0
O
C
I
R
0. 05
20
mA
Ty pic al Ther mal Res ist ance
(Not es 2)
(Not es 3)
R
θJL
R
θJA
25
150
O
C / W
O per at ing Junct ion and S t orage Temperat ure R ange
TJ,TSTG
-55 t o + 175
O
C


Similar Part No. - BR26-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BR26 PANJIT-BR26 Datasheet
89Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR26 TAYCHIPST-BR26 Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
BR26 LUGUANG-BR26 Datasheet
577Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Eaton All Rights Reserv...
BR260 EATON-BR260 Datasheet
1Mb / 28P
   Cutler- Hammer
2002
logo
ON Semiconductor
BR261W26A101E1G ONSEMI-BR261W26A101E1G Datasheet
265Kb / 31P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2012 ??Rev. 2
More results

Similar Description - BR26-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR22E PANJIT-SR22E Datasheet
188Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_16 Datasheet
287Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_05 Datasheet
39Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_05 Datasheet
50Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_09 Datasheet
120Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32E PANJIT-SR32E Datasheet
111Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR34 TAYCHIPST-BR34 Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BR36-AU PANJIT-BR36-AU Datasheet
196Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BR810 PANJIT-BR810 Datasheet
96Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22E PANJIT-SR22E_09 Datasheet
108Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_09 Datasheet
111Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com