Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR36-AU_R1_000A1 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BR36-AU_R1_000A1
Description  MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BR36-AU_R1_000A1 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BR36-AU_R1_000A1 Datasheet HTML 1Page - Pan Jit International Inc. BR36-AU_R1_000A1 Datasheet HTML 2Page - Pan Jit International Inc. BR36-AU_R1_000A1 Datasheet HTML 3Page - Pan Jit International Inc. BR36-AU_R1_000A1 Datasheet HTML 4Page - Pan Jit International Inc. BR36-AU_R1_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BR36-AU~BR310-AU
May 9,2016-REV.05
PAGE . 1
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss, high efficiency
• High surge capacity
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS2.0
(2011/65/EU & 2015/865/EU directive)
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0032 ounces, 0.092 grams
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOTES :
1. Pulse Test with PW=300µsec, 2% Duty Cycle.
2. Mounted on a FR4 PCB, single-sided copper, mini pad.
3. Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area
VOLTAGE
60 to 100 Volt
CURRENT
3 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load.
1
2
Cathode
Anode
PARAMETER
SYMBOL
BR36-AU
BR310-AU
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
60
100
V
Maximum RMS Voltage
V
RMS
42
70
V
Maximum DC Blocking Voltage
V
DC
60
100
V
Maximum Average Forward Current
I
F(AV)
3A
Peak Forward Surge Current : 8.3ms single half sine-wave superimposed
on rated load
I
FSM
80
A
Maximum Forward Voltage at 3A (Notes 1)
V
F
0.74
0.8
V
Maximum DC Reverse Current at Rated DC Blocking
Voltage
T
J=25
OC
I
R
0.05
mA
T
J=125
OC20
10
Typical Thermal Resistance
(Notes 2)
(Notes 3)
R
θJA
R
θJL
135
23
OC / W
Operating Junction and Storage Temperature Range
T
J ,T STG
-65 to +175
OC


Similar Part No. - BR36-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR36 RECTRON-BR36 Datasheet
21Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
RFE international
BR36 RFE-BR36 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
GeneSiC Semiconductor, ...
BR36 GENESIC-BR36 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Bytes
BR36 BYTES-BR36 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
BR36 PFS-BR36 Datasheet
231Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - BR36-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR22E PANJIT-SR22E Datasheet
188Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_16 Datasheet
287Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_05 Datasheet
39Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_05 Datasheet
50Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_09 Datasheet
120Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32E PANJIT-SR32E Datasheet
111Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR34 TAYCHIPST-BR34 Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BR810 PANJIT-BR810 Datasheet
96Kb / 5P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22E PANJIT-SR22E_09 Datasheet
108Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_09 Datasheet
111Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com