Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP-P18-11-1S-A Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-P18-11-1S-A
Description  Dimensions for product: P18/11
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-P18-11-1S-A Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-P18-11-1S-A Datasheet HTML 1Page - Ferroxcube International Holding B.V. CP-P18-11-1S-A Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P18/11
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C91
nH/turns²
25%
25%
4000
3D3
nH/turns²
25%
25%
1400
3H3
nH/turns²
25%
25%
3100
4C65
nH/turns²
25%
25%
260
Power loss: 3C91
Measuring conditions
Unit
Max
100 kHz
W/set
0.560
200 mT
60 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C91
Symbol
Effective parameters
Parameter
Value
Unit
0.597
mm⁻¹
Ve
1120
mm³
Le
25.8
mm
Ae
43.3
mm²
Amin
36
mm²
∑(I/A)
≈ 6
core factor (C1)
effective volume
effective length
effective area
minimum area
m
P18/11
g/set
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: P18/11
13.10
mm
A
0.30
0.30
13.70
13.40
3.20
mm
B
0.60
0.60
4.40
3.80
17.60
mm
D1
0.00
0.80
18.40
18.40
14.90
mm
D2
0.50
0.00
15.40
14.90
7.30
mm
D3
0.00
0.30
7.60
7.60
3.00
mm
D4
0.10
0.10
3.20
3.10
10.50
mm
H1
0.10
0.10
10.70
10.60
7.20
mm
H2
0.40
0.00
7.60
7.20
2016


Similar Part No. - CP-P18-11-1S-A

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P18-11-1S FERROXCUBE-CP-P18-11-1S Datasheet
81Kb / 2P
   Dimensions for product: P18/11
More results

Similar Description - CP-P18-11-1S-A

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P18-11-1S FERROXCUBE-CP-P18-11-1S Datasheet
81Kb / 2P
   Dimensions for product: P18/11
BPL-D-CLM-C-P18-11-C FERROXCUBE-BPL-D-CLM-C-P18-11-C Datasheet
81Kb / 2P
   Dimensions for product: P18/11
CP-P18-11-3S-A FERROXCUBE-CP-P18-11-3S-A Datasheet
81Kb / 2P
   Dimensions for product: P18/11
CP-P18-11-2S FERROXCUBE-CP-P18-11-2S Datasheet
81Kb / 2P
   Dimensions for product: P18/11
SPR-P18 FERROXCUBE-SPR-P18 Datasheet
30Kb / 1P
   SPR-P18/11
CSCI-ETD34-1S-7P-T FERROXCUBE-CSCI-ETD34-1S-7P-T_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
CLI-ETD34 FERROXCUBE-CLI-ETD34_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
CSCO-ETD34-1S-7P-T FERROXCUBE-CSCO-ETD34-1S-7P-T_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
TGP-P18-C FERROXCUBE-TGP-P18-C Datasheet
48Kb / 1P
   TGP-P18/11-C
CP-P18-11-3S FERROXCUBE-CP-P18-11-3S Datasheet
81Kb / 2P
   CP-P18-11-3S
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com