Electronic Components Datasheet Search |
|
AME8500CEFTDA18 Datasheet(PDF) 8 Page - Analog Microelectronics |
|
AME8500CEFTDA18 Datasheet(HTML) 8 Page - Analog Microelectronics |
8 / 14 page AME, Inc. 8 µµµµµProcessor Supervisory AME8500 / 8501 Maximum Unit SOT-23 325 SOT-89 180 SOT-23 350 SOT-89 650 150 oC 300 oC oC / W Parameter Thermal Resistance Maximum Junction Temperature Maximum Lead Temperature (10 Sec) Power Dissipation mW Parameter Rating Unit Supply Voltage 1.6 - 5 V Ambient Temperature Range - 40 to + 85 oC Junction Temperature - 40 to + 125 oC Storage Temperature - 65 to 150 oC Parameter Maximum Unit Supply Voltage 7 V ESD Classification B Input Current, VDD 20 mA Output Current, RESET, ResetB 20 mA Rate of Rise, VDD 100 V/ µs n Absolute Maximum Ratings n Recommended Operating Conditions n Thermal Information Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device |
Similar Part No. - AME8500CEFTDA18 |
|
Similar Description - AME8500CEFTDA18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |