Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2S701QDSKRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S701QDSKRQ1
Description  Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S701QDSKRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD2S701QDSKRQ1 Datasheet HTML 4Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 5Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 6Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 7Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 8Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 9Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 10Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 11Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
TPD2S701-Q1
SLLSEY0 – APRIL 2017
www.ti.com
Product Folder Links: TPD2S701-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Power Supply and Supply Current Consumption Chracteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ID_OFF_LEAK_S
TB
Mode 0. Measured flowing into D+ or D– supply, VPWR = 0
V, VD+ or VD– = 18 V, EN = 0 V, VREF = 0 V, D± = 0 V
–1
1
µA
ID_ON_LEAK_ST
B
Mode 0. Measured flowing into D+ or D– supply, VPWR = 5
V, VD+ or VD– = 18 V, EN = 0 V, VREF = 3.3 V, D± = 0 V
–1
1
µA
IVD_OFF_LEAK_
STB
Mode 0. Measured flowing out of VD+ or VD– supply,
VPWR = 0 V, VD+ or VD– = 18 V, EN = 0 V, VREF = 0 V,
D± = 0 V
120
IVD_ON_LEAK_S
TB
Mode 0. Measured flowing out of VD+ or VD– supply,
VPWR = 5 V, VD+ or VD– = 18 V, EN = 0 V, VREF = 3.3 V,
D± = 0 V
120
µA
IVPWR_TO_VRE
F_LEAK
Leakage from VPWR to
VREF
Use standard mode 0. Set VREF = 0 V. Measured
current flowing out of VREF pin
1
µA
IVREF_TO_VPW
R_LEAK
Leakage from VREF to
VPWR
Use standard mode 0. Set VPWR = 0 V. Measured as
current flowing out of VPWR pin
1
µA
6.9 Timing Requirements
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
ENABLE PIN AND VREF FAST CHARGE
TVREF_CHG
VREF fast charge time
Time between when 5 V is applied to VPWR, and VREF
reaches VVREF_FAST_CHG. Needs to happen before or at
same time tON_STARTUP completes
0.5
1
ms
TON_STARTU
P_MODE0
Device turnon time from UVLO
mode 0
Mode 0. EN = 0 V, measured from VPWR and VREF =
UVLO+ to data FET ON, VPWR comes to UVLO
+ second.
Place 3.3 V on VD±. Ramp VREF to 3.3 V, then VPWR
to 5 V and measure the time it takes for D± to reach 90%
of VD±
0.5
1
ms
TON_STARTU
P_MODE1
Device turnon time from UVLO
mode 1
Informative. mode 1. EN = 0 V, measured from VPWR =
UVLO+ to data FET ON
0.5 +
TCHG_C
VREF
ms
TON_STARTU
P_MODE1_3.3V
Device turnon time from UVLO
mode 1
Mode 1. EN = 0 V, measured from VPWR = UVLO
+ to
data FET ON, CVREF = 1 µF, VREF_FINAL = 3.3 V.
Measure the time it takes for D± to reach 90% of VD±
0.6
1
ms
TON_EN_MOD
E0
Device turnon time mode 0
Mode 0. VPWR = 5 V, VREF = 3.3 V, time from EN is
asserted until data FET is ON. Place 3.3 V on VD±,
measure the time it takes for D± to reach 90% of VD±
150
µs
TON_EN_MOD
E1
Device turnon time mode 1
Mode 1. VPWR = 5 V, VREF_INITIAL = 0 V, time from EN is
asserted until data FET is ON. Place 3.3 V on VD±,
measure the time it takes for D± to reach 90% of VD±
150 +
TCHG_V
REF
µs
TON_EN_MOD
E1_3.3V
Device turnon time mode 1 for
VREF = 3.3 V
Mode 1. VPWR = 5 V, VREF_INITIAL = 0 V, time from EN is
asserted until data FET is ON. Place 3.3 V on VD±,
measure the time it takes for D± to reach 90% of
VD±. CVREF = 1 µF, VREF_FINAL = 3.3 V
300
µs
TOFF_EN
Device turnoff time
Mode 0 or 1. VPWR = 5 V, VREF = 3.3 V, time from EN is
deasserted until data FET is off. Place 3.3 V on VD±,
measure the time it takes for D± to fall to 10% of
VD±, R= 45 Ω
5
µs
TCHG_CVREF
Time to charge CVREF
Informative. Mode 1. Time from VREF = 0 V to 80% ×
VREF_FINAL after EN transitions from high to low
(CVREF
× 0.8
(VREF_FI
NAL)/(IC
HG_VREF
)
s
TCHG_CVREF
_3.3V
Time to charge CVREF to 3.3 V
Mode 1. Time from VREF = 0 V to 90% × 3.3 V after EN
transitions from high to low, CVREF = 1 µF
132
µs


Similar Part No. - TPD2S701QDSKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD2S703QDGSRQ1 TI1-TPD2S703QDGSRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD2S703QDSKRQ1 TI1-TPD2S703QDSKRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
More results

Similar Description - TPD2S701QDSKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
   USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD2S300 TI1-TPD2S300 Datasheet
1Mb / 37P
[Old version datasheet]   USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
logo
ON Semiconductor
NUF6107MN ONSEMI-NUF6107MN Datasheet
64Kb / 3P
   4 Channel Data Line EMI Filter with 2 Channel USB Filter and ESD Protection
December, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com