Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6833-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS7B6833-Q1
Description  500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6833-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7B6833-Q1_17 Datasheet HTML 4Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 5Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 6Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 7Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 8Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 9Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 10Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 11Page - Texas Instruments TPS7B6833-Q1_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Ambient Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
D003
Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
5
10
15
20
25
30
35
D004
IOUT = 1 mA
IOUT = 100 mA
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
110
120
D001
-40qC
25qC
125qC
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
D002
IOUT = 1 mA
IOUT = 100 mA
IOUT = 200 mA
8
TPS7B6833-Q1, TPS7B6850-Q1
SLVSD43A – MAY 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TPS7B6833-Q1 TPS7B6850-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Switching Characteristics (continued)
VI = 14 V, CO ≥ 4.7 µF, 1 mΩ < ESR < 20 Ω, TJ = –40°C to 150°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(WD_HOLD)
Watchdog output resetting time
(percentage of settled watchdog
window duration)
20
% of
t(WD)
t(WD_RESET) Watchdog output resetting time
R(ROSC) = 20 kΩ ± 1%, FSEL = LOW
1.8
2
2.2
ms
R(ROSC) = 20 kΩ ± 1%, FSEL =
HIGH
9
10
11
6.7 Typical Characteristics
VIN = 14 V, VEN ≥ 2 V, TJ = –40ºC to +150ºC unless otherwise noted
Figure 1. Quiescent Current vs Output Current
Figure 2. Quiescent Current vs Input Voltage
Figure 3. Shutdown Current vs Ambient Temperature
Figure 4. Quiescent Current vs Ambient Temperature


Similar Part No. - TPS7B6833-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6833-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
LM2936Q TI1-LM2936Q_16 Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com