Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B68-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B68-Q1
Description  500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B68-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7B68-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 9Page - Texas Instruments TPS7B68-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
TPS7B6833-Q1, TPS7B6850-Q1
SLVSD43A – MAY 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TPS7B6833-Q1 TPS7B6850-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
This test is done with VOUT in regulation, measuring the VIN – VOUT when VOUT drops by 100 mV from the rated output voltage at the
specified load.
(2)
Design Information – Not tested, determined by characterization.
6.5 Electrical Characteristics
VIN = 14 V, COUT ≥ 4.7 µF, 1 mΩ < ESR < 20 Ω, TJ = –40°C to 150°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND CURRENT (IN)
VIN
Input voltage
4
40
V
I(SLEEP)
Input sleep current
EN = OFF
4
µA
I(Q)
Input quiescent current
VIN = 5.6 V to 40 V for fixed 5-V
VOUT; VIN = 4 V to 40 V for fixed 3.3-
V VOUT; EN = ON; watchdog
disabled; IOUT < 1 mA;
TJ < 80°C
19
29.6
µA
VIN = 5.6 V to 40 V for fixed 5-V
VOUT; VIN = 4 V to 40 V for fixed 3.3-
V VOUT; EN = ON; watchdog
enabled; IOUT < 1 mA
28
42
VIN = 5.6 V to 40 V for fixed 5-V
VOUT; VIN = 4 V to 40 V for fixed 3.3-
V VOUT; EN = ON; watchdog
enabled; IOUT < 100 mA
78
98
V(UVLO)
Undervoltage lockout, falling
Ramp VIN down until output is
turned off
2.6
V
V(UVLO_HYS
T)
UVLO hysteresis
0.5
V
ENABLE INPUT, WATCHDOG TYPE SELECTION AND FSEL (EN, WTS, AND FSEL)
VIL
Low-level input voltage
0.7
V
VIH
High-level input voltage
2
V
Vhys
Hysteresis
150
mV
WATCHDOG ENABLE (WD_EN PIN)
VIL
Low-level input threshold voltage for
watchdog enable pin
Watchdog enabled
0.7
V
VIH
High-level input threshold voltage for
watchdog enable pin
Watchdog disabled
2
V
IWD_EN
Pulldown current for watchdog
enable pin
VWD_EN = 5 V
3
µA
REGULATED OUTPUT (OUT)
VOUT
Regulated output
VIN = 5.6 V to 40 V for fixed 5-V
VOUT; VIN = 4 V to 40 V for fixed 3.3-
V VOUT;
IOUT = 0 to 500 mA
–2
2
%
ΔVOUT(ΔVIN
)
Line regulation
VIN = 5.6 V to 40 V
10
mV
ΔVOUT(ΔIOU
T)
Load regulation
IOUT = 1 mA to 500 mA
20
mV
V(dropout)
Dropout voltage (VIN – VOUT)
IOUT = 500 mA
(1)
350
600
mV
IOUT = 200 mA
(1)
170
260
IOUT
Output current
VOUT in regulation
0
500
mA
I(LIM)
Output current limit
VOUT shorted to ground, VIN = 5.6 V
to 40 V
550
690
1000
mA
PSRR
Power supply ripple rejection(2)
IOUT = 100 mA; COUT = 10 µF;
frequency (f) = 100 Hz
60
dB
IOUT = 100 mA; COUT = 10 µF;
frequency (f) = 100 kHz
40
POWER GOOD (PG, PGADJ)
VOL(PG)
PG output, low voltage
IOL = 5 mA, PG pulled low
0.4
V


Similar Part No. - TPS7B68-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833QPWPRQ1 TI1-TPS7B6833QPWPRQ1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6850-Q1 TI1-TPS7B6850-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6850QPWPRQ1 TI1-TPS7B6850QPWPRQ1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B68-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B6333-Q1 TI1-TPS7B6333-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
LM2936Q TI1-LM2936Q_16 Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com