Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2044B Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2044B
Description  Current-Limited, Power-Distribution Switches
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2044B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2044B Datasheet HTML 5Page - Texas Instruments TPS2044B Datasheet HTML 6Page - Texas Instruments TPS2044B Datasheet HTML 7Page - Texas Instruments TPS2044B Datasheet HTML 8Page - Texas Instruments TPS2044B Datasheet HTML 9Page - Texas Instruments TPS2044B Datasheet HTML 10Page - Texas Instruments TPS2044B Datasheet HTML 11Page - Texas Instruments TPS2044B Datasheet HTML 12Page - Texas Instruments TPS2044B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
TPS2041B, TPS2042B, TPS2043B, TPS2044B
TPS2051B, TPS2052B, TPS2053B, TPS2054B
www.ti.com
SLVS514M – JUNE 2010 – REVISED JUNE 2016
Product Folder Links: TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 0.5 A, VI(/ENx) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
(2)
The thermal shutdown only reacts under overcurrent conditions.
SUPPLY CURRENT (TPS2042B, TPS2052B)
Supply current, low-level output
No load on OUT, VI(ENx) = 5.5 V
TJ = 25°C
0.5
1
μA
–40°C
≤ TJ ≤ 125°C
0.5
5
Supply current, high-level output
No load on OUT, VI(ENx) = 0 V
TJ = 25°C
50
70
μA
–40°C
≤ TJ ≤ 125°C
50
90
Leakage current
OUT connected to ground, VI(ENx) = 5.5 V
–40°C
≤ TJ ≤ 125°C
1
μA
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
TJ = 25°C
0.2
μA
SUPPLY CURRENT (TPS2043B, TPS2053B)
Supply current, low-level output
No load on OUT, VI(ENx) = 0 V
TJ = 25°C
0.5
2
μA
–40°C
≤ TJ ≤ 125°C
0.5
10
Supply current, high-level output
No load on OUT, VI(ENx) = 5.5 V
TJ = 25°C
65
90
μA
–40°C
≤ TJ ≤ 125°C
65
110
Leakage current
OUT connected to ground, VI(ENx) = 0 V
–40°C
≤ TJ ≤ 125°C
1
μA
Reverse leakage current
VI(OUTx) = 5.5 V, INx = ground
TJ = 25°C
0.2
μA
SUPPLY CURRENT (TPS2044B, TPS2054B)
Supply current, low-level output
No load on OUT, VI(ENx) = 5.5 V,
or VI(ENx) = 0 V
TJ = 25°C
0.5
2
μA
–40°C
≤ TJ ≤ 125°C
0.5
10
Supply current, high-level output
No load on OUT, VI(ENx) = 0 V,
or VI(ENx) = 5.5 V
TJ = 25°C
75
110
μA
–40°C
≤ TJ ≤ 125°C
75
140
Leakage current
OUT connected to ground, VI(ENx) = 5.5 V,
or VI(ENx) = 0 V
–40°C
≤ TJ ≤ 125°C
1
μA
Reverse leakage current
VI(OUTx) = 5.5 V, INx = ground
TJ = 25°C
0.2
μA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN, INx
2
2.5
V
Hysteresis, IN, INx
TJ = 25°C
75
mV
OVERCURRENT OC and OCx
Output low voltage, VOL(/OCx)
IO(OCx) = 5 mA
0.4
V
Off-state current
VO(OCx) = 5 V or 3.3 V
1
μA
OC deglitch
OCx assertion or deassertion
4
8
15
ms
THERMAL SHUTDOWN(2)
Thermal shutdown threshold
135
°C
Recovery from thermal shutdown
125
°C
Hysteresis
10
°C
(1)
Soldered PowerPAD on a standard 2-layer PCB without vias for thermal pad. See TI application note SLMA002 for further details.
(2)
Soldered PowerPAD on a standard 4-layer PCB with vias for thermal pad. See TI application note SLMA002 for further details.
7.6 Dissipation Ratings
PACKAGE
THERMAL
RESISTANCE,
θJA
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DGN-8
1712.3 mW
17.123 mW/°C
941.78 mW
684.93 mW
D-8
585.82 mW
5.8582 mW/°C
322.20 mW
234.32 mW
D-16
898.47 mW
8.9847 mW/°C
494.15 mW
359.38 mW
DBV-5
285 mW
2.85 mW/°C
155 mW
114 mW
DRB-8 (Low-K)(1)
270 °CW
370 mW
3.71 mW/°C
203 mW
148 mW
DRB-8 (High-K)(2)
60 °CW
1600 mW
16.67 mW/°C
916 mW
866 mW


Similar Part No. - TPS2044B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044B TI-TPS2044B Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI-TPS2044B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI-TPS2044B Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI-TPS2044B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI1-TPS2044B Datasheet
1Mb / 52P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2044B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com