Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2375X Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2375X
Description  High-Power/High-Efficiency PoE Interface and DC-DC Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2375X Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2375X Datasheet HTML 7Page - Texas Instruments TPS2375X Datasheet HTML 8Page - Texas Instruments TPS2375X Datasheet HTML 9Page - Texas Instruments TPS2375X Datasheet HTML 10Page - Texas Instruments TPS2375X Datasheet HTML 11Page - Texas Instruments TPS2375X Datasheet HTML 12Page - Texas Instruments TPS2375X Datasheet HTML 13Page - Texas Instruments TPS2375X Datasheet HTML 14Page - Texas Instruments TPS2375X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
0
100
200
300
400
500
600
700
800
900
0
50
100
150
200
250
300
350
Dead TimeResistance-kW
Ideal
Typical
400
6
7
8
9
10
11
-40
-20
0
20
40
60
80
100
120
Temperature- C
°
−40
−20
0
20
40
60
80
100
120
TJ -Junction Temperature- °C
45
55
65
75
85
95
105
115
G012
RBLNK =249kΩ
245
240
235
230
250
255
265
260
RBLNK =49.9kΩ
RBLNK =RTN
RBLNK =100kΩ
0
50
100
150
200
250
300
350
400
RBLNK − kΩ
G013
−6
−10
−14
−18
−2
2
18
6
10
14
150
100
50
0
200
250
450
300
350
400
TJ − Junction Temperature − °C
149
150
151
152
153
154
155
−40
−20
0
20
40
60
80
100
120
G010
TJ − Junction Temperature − °C
30
35
40
45
50
−40
−20
0
20
40
60
80
100
120
G011
TPS23754, TPS23754-1, TPS23756
www.ti.com
SLVS885H – OCTOBER 2008 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Figure 15. Current Slope Compensation Current vs
Figure 14. Current Slope Compensation Voltage vs
Temperature
Temperature
Figure 16. Blanking Period vs Temperature
Figure 17. Blanking Period vs Blanking Resistance (RBLNK)
Figure 18. Dead Time vs Dead Time Resistance (RDT )
Figure 19. T2P Delay Time vs Temperature
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS23754 TPS23754-1 TPS23756


Similar Part No. - TPS2375X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
TPS2375 TI-TPS2375 Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
More results

Similar Description - TPS2375X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI-TPS23754_10 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com