Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6950QDCYRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B6950QDCYRQ1
Description  High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6950QDCYRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7B6950QDCYRQ1 Datasheet HTML 3Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 4Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 5Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 6Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 9Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 10Page - Texas Instruments TPS7B6950QDCYRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Frequency (Hz)
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7 5E+7
0
10
20
30
40
50
60
70
80
90
D006
ESR of Output Capacitance ( )
0.001
0.5
1
1.5
2
2.2
20
40
60
80
100
D007
Stable Region
Output Current (mA)
0
30
60
90
120
150
0
100
200
300
400
500
600
700
800
900
1000
1100
D004
40GC
25GC
125GC
Frequency (Hz)
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7 5E+7
0
10
20
30
40
50
60
70
80
D005
Output Current (mA)
0
30
60
90
120
150
0
20
40
60
80
100
120
140
160
D003
40GC
25GC
125GC
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
D010
40GC
25GC
125GC
TPS7B6925-Q1, TPS7B6933-Q1, TPS7B6950-Q1
www.ti.com
SLVSCJ8B – NOVEMBER 2014 – REVISED JANUARY 2015
Typical Characteristics (continued)
IO = 0.2 mA
Figure 7. Quiescent Current vs Output Current
Figure 8. Quiescent Current vs Supply Voltage
IO = 100 mA
VI = 14 V
TA = 25°C
CO = 2.2 µF
Figure 9. Dropout Voltage vs Output Current
Figure 10. Power Supply Rejection Ratio
IO = 10 mA
VI = 14 V
TA = 25°C
CO = 2.2 µF
Figure 11. Power Supply Rejection Ratio
Figure 12. ESR Stability vs Output Capacitance
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS7B6925-Q1 TPS7B6933-Q1 TPS7B6950-Q1


Similar Part No. - TPS7B6950QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6950QDCYRQ1 TI1-TPS7B6950QDCYRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6950QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Texas Instruments
TPS7A6933QDRQ1 TI-TPS7A6933QDRQ1 Datasheet
7Mb / 26P
[Old version datasheet]   High-Voltage Ultralow-Iq Low-Dropout Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com