Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24710DGSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24710DGSR
Description  2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24710DGSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS24710DGSR Datasheet HTML 2Page - Texas Instruments TPS24710DGSR Datasheet HTML 3Page - Texas Instruments TPS24710DGSR Datasheet HTML 4Page - Texas Instruments TPS24710DGSR Datasheet HTML 5Page - Texas Instruments TPS24710DGSR Datasheet HTML 6Page - Texas Instruments TPS24710DGSR Datasheet HTML 7Page - Texas Instruments TPS24710DGSR Datasheet HTML 8Page - Texas Instruments TPS24710DGSR Datasheet HTML 9Page - Texas Instruments TPS24710DGSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TPS24710, TPS24711
TPS24712, TPS24713
SLVSAL2G – JANUARY 2011 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: TPS24710 TPS24711 TPS24712 TPS24713
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
(1)
Parameters are for reference only, and do not constitute part of TI’s published specifications for purposes of TI’s product warranty.
7.5 Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, VCC = 12 V, VEN = 3 V, and RPROG = 50 kΩ to GND.
All voltages referenced to GND, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
VCC
UVLO threshold, rising
2.2
2.32
2.45
V
UVLO threshold, falling
2.1
2.22
2.35
V
UVLO hysteresis(1)
0.1
V
Supply current
Enabled
― IOUT + IVCC + ISENSE
1
1.4
mA
Disabled(1)
― EN = 0 V, IOUT + IVCC + ISENSE
0.45
mA
EN
Threshold voltage, falling
1.2
1.3
1.4
V
Hysteresis(1)
50
mV
Input leakage current
0 V
≤ VEN ≤ 30 V
–1
0
1
µA
FLT, FLTb
Output low voltage
Sinking 2 mA
0.11
0.25
V
Input leakage current
VFLT = 0 V, 30 V
–1
0
1
µA
VFLTb = 0 V, 30 V
PG, PGb
Threshold
V(SENSE – OUT) rising, PG going low
140
240
340
mV
V(SENSE – OUT) rising, PGb going high
Hysteresis(1)
Measured V(SENSE – OUT) falling, PG going high
70
mV
Measured V(SENSE – OUT) falling, PGb going low
Output low voltage
Sinking 2 mA
0.11
0.25
V
Input leakage current
VPG = 0 V, 30 V
–1
0
1
µA
VPGb = 0 V, 30 V
PROG
Bias voltage
Sourcing 10 µA
0.65
0.678
0.7
V
Input leakage current
VPROG = 1.5 V
–0.2
0
0.2
µA
TIMER
Sourcing current
VTIMER = 0 V
8
10
12
µA
Sinking current
VTIMER = 2 V
8
10
12
µA
VEN = 0 V, VTIMER = 2 V
2
4.5
7
mA
Upper threshold voltage
1.30
1.35
1.40
V
Lower threshold voltage
0.33
0.35
0.37
V
Timer activation voltage
Raise GATE until ITIMER sinking, measure V(GATE – VCC), VCC = 12 V
5
5.9
7
V
Bleed-down resistance
VENSD = 0 V, VTIMER = 2 V
70
104
130
OUT
Input bias current
VOUT = 12 V
16
30
µA
GATE
Output voltage
VOUT = 12 V
23.5
25.8
28
V
Clamp voltage
Inject 10 µA into GATE, measure V(GATE – VCC)
12
13.9
15.5
V
Sourcing current
VGATE = 12 V
20
30
40
µA
Sinking current
Fast turnoff, VGATE = 14 V
0.5
1
1.4
A
Sustained, VGATE = 4 V to 23 V
6
11
20
mA
In inrush current limit, VGATE = 4 V to 23 V
20
30
40
µA
Pulldown resistance
Thermal shutdown
14
20
26


Similar Part No. - TPS24710DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24710DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com