Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24713DGSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24713DGSR
Description  2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24713DGSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS24713DGSR Datasheet HTML 5Page - Texas Instruments TPS24713DGSR Datasheet HTML 6Page - Texas Instruments TPS24713DGSR Datasheet HTML 7Page - Texas Instruments TPS24713DGSR Datasheet HTML 8Page - Texas Instruments TPS24713DGSR Datasheet HTML 9Page - Texas Instruments TPS24713DGSR Datasheet HTML 10Page - Texas Instruments TPS24713DGSR Datasheet HTML 11Page - Texas Instruments TPS24713DGSR Datasheet HTML 12Page - Texas Instruments TPS24713DGSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Voltage, V(VCC-SENSE) (mV)
1
2
3
4
5
6
7
8
9
10
-30
-20
-10
0
10
20
30
D001
TJ = 25°C
TJ = -40°C
TJ = 125°C
Voltage, V
(mV)
(VCC
)
SENSE
40
32
24
16
8
0
8
16
24
32
40
0
5
10
15
20
25
30
35
40
45
50
55
T = 25°C
T = 125°C
Gate Current at Current Limiting
T = –40°C
Voltage, V
(V)
(SENSE – OUT)
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
14
VCC Voltage = 12 V
T = 25°C
T = 125°C
T = –40°C
23.5
24
24.5
25
25.5
26
26.5
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
400
600
800
1000
1200
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
T = 25°C
T = 125°C
T = –40°C
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
0
1
2
3
4
5
T = 25°C
T = 125°C
T = –40°C
9
TPS24710, TPS24711
TPS24712, TPS24713
www.ti.com
SLVSAL2G – JANUARY 2011 – REVISED NOVEMBER 2015
Product Folder Links: TPS24710 TPS24711 TPS24712 TPS24713
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
7.7 Typical Characteristics
EN = High
Figure 4. Supply Current vs Input Voltage at Normal
Operation
EN = 0 V
Figure 5. Supply Current vs Input Voltage at Shutdown
Figure 6. Voltage Across RSENSE in Inrush Current Limiting
vs Temperature
Figure 7. Voltage Across RSENSE in Inrush Power Limiting vs
VDS of Pass MOSFET
VVCC = 12 V = VOUT
Figure 8. Gate Current vs Voltage Across R(SENSE)
VVCC = 12 V
VOUT = 0 V
RPROG = 50 kΩ
VGATE = 3 V
Figure 9. Gate Current vs V(VCC_SENSE)


Similar Part No. - TPS24713DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24713DGSR TI1-TPS24713DGSR Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24713DGSR TI1-TPS24713DGSR Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24713DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com