Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54226 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54226
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54226 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54226 Datasheet HTML 4Page - Texas Instruments TPS54226 Datasheet HTML 5Page - Texas Instruments TPS54226 Datasheet HTML 6Page - Texas Instruments TPS54226 Datasheet HTML 7Page - Texas Instruments TPS54226 Datasheet HTML 8Page - Texas Instruments TPS54226 Datasheet HTML 9Page - Texas Instruments TPS54226 Datasheet HTML 10Page - Texas Instruments TPS54226 Datasheet HTML 11Page - Texas Instruments TPS54226 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TPS54226
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
www.ti.com
Current Protection
The output over-current protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit. The
switch current is monitored by measuring the low-side FET switch voltage between the SW pin and GND. This
voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by Vin,
Vout, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current Iout. If the measured voltage is
above the voltage proportional to the current limit, then the device constantly monitors the low-side FET switch
voltage, which is proportional to the switch current, during the low-side on-time.
The converter maintains the low-side switch on until the measured voltage is below the voltage corresponding to
the current limit at which time the switching cycle is terminated and a new switching cycle begins. In subsequent
switching cycles, the on-time is set to a fixed value and the current is monitored in the same manner.
There are some important considerations for this type of over-current protection. The load current one half of the
peak-to-peak inductor current higher than the over-current threshold. Also when the current is being limited, the
output voltage tends to fall as the demanded load current may be higher than the current available from the
converter. This may cause the output under-voltage protection circuit to be activated. When the over current
condition is removed, the output voltage returns to the regulated value. This protection is non-latching.
Over/Under Voltage Protection
The TPS54226 detects over and undervoltage conditions by monitoring the feedback voltage (VFB). This
function is enabled after approximately 1.7 times the soft-start time. When the feedback voltage becomes higher
than 120% of the target voltage, the OVP comparator output goes high and the circuit latches the high-side
MOSFET driver turns off and the low-side MOSFET turns on. When the feedback voltage becomes lower than
70% of the target voltage, the UVP comparator output goes high and an internal UVP delay counter begins. After
250
μs, the device latches off both internal top and bottom MOSFET.
UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than UVLO threshold voltage, the TPS54226 is shut off. This is protection is non-latching.
Thermal Shutdown
Thermal protection is self-activating. If the junction temperature exceeds the threshold value (typically 150
°C),
the TPS54226 shuts off. This protection is non-latching.
8
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54226


Similar Part No. - TPS54226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226 TI1-TPS54226 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226PW TI-TPS54226PW Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226PWP TI-TPS54226PWP Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226PWP TI1-TPS54226PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
More results

Similar Description - TPS54226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com