Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA011146RGTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HPA011146RGTR
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA011146RGTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button HPA011146RGTR Datasheet HTML 5Page - Texas Instruments HPA011146RGTR Datasheet HTML 6Page - Texas Instruments HPA011146RGTR Datasheet HTML 7Page - Texas Instruments HPA011146RGTR Datasheet HTML 8Page - Texas Instruments HPA011146RGTR Datasheet HTML 9Page - Texas Instruments HPA011146RGTR Datasheet HTML 10Page - Texas Instruments HPA011146RGTR Datasheet HTML 11Page - Texas Instruments HPA011146RGTR Datasheet HTML 12Page - Texas Instruments HPA011146RGTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
0
2
4
6
8
-50
0
50
100
150
T -JunctionTemperature-°C
J
0
200
400
600
800
1000
1200
-50
0
50
100
150
T -JunctionTemperature-°C
J
0
20
40
60
80
100
0
5
10
15
20
ENInputVoltage-V
1
1.025
1.05
1.075
1.1
0
1
2
I
-OutputCurrent- A
O
V =18V
I
V =5.5V
I
V =12V
I
TPS54226
www.ti.com
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
TYPICAL CHARACTERISTICS
Figure 1. VCC CURRENT vs JUNCTION TEMPERATURE
Figure 2. VCC SHUTDOWN CURRENT vs JUNCTION
TEMPERATURE
Figure 3. EN CURRENT vs EN VOLTAGE
Figure 4. 1.05-V OUTPUT VOLTAGE vs OUTPUT CURRENT
Copyright
© 2009–2011, Texas Instruments Incorporated
9
Product Folder Link(s): TPS54226


Similar Part No. - HPA011146RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01110DQPR TI1-HPA01110DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
HPA01111DQPR TI1-HPA01111DQPR Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
HPA01112AIRGTR TI1-HPA01112AIRGTR Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
HPA01113AIRGVR TI1-HPA01113AIRGVR Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
HPA01116RHBR TI1-HPA01116RHBR Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
More results

Similar Description - HPA011146RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com