Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54618 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54618
Description  2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54618 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54618 Datasheet HTML 5Page - Texas Instruments TPS54618 Datasheet HTML 6Page - Texas Instruments TPS54618 Datasheet HTML 7Page - Texas Instruments TPS54618 Datasheet HTML 8Page - Texas Instruments TPS54618 Datasheet HTML 9Page - Texas Instruments TPS54618 Datasheet HTML 10Page - Texas Instruments TPS54618 Datasheet HTML 11Page - Texas Instruments TPS54618 Datasheet HTML 12Page - Texas Instruments TPS54618 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
200
300
400
500
600
700
800
T =25°C
J
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
88
90
92
94
96
98
100
102
104
106
108
110
Vsense Rising, Vin = 5 V
Vsense Rising
Vsense Falling
Vsense Falling
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =25°C
J
0
1
2
3
4
5
6
7
8
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
Vin = 3.3 V
UVLOStartSwitching
UVLOStopSwitching
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
Vin = 3.3 V
0
1
2
3
4
5
6
7
8
TPS54618-Q1
www.ti.com
SLVSBY9D – AUGUST 2013 – REVISED JANUARY 2016
Typical Characteristics (continued)
Figure 14. Shutdown Supply Current
Figure 13. Input Voltage vs Junction Temperature
vs Junction Temperature
Figure 16. Supply Current vs Junction Temperature
Figure 15. Shutdown Supply Current vs Input Voltage
Figure 18. PWRGD Threshold vs Junction Temperature
Figure 17. Supply Current vs Input Voltage
Copyright © 2013–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54618-Q1


Similar Part No. - TPS54618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
TPS54618CQRTERQ1 TI-TPS54618CQRTERQ1 Datasheet
2Mb / 42P
[Old version datasheet]   TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
More results

Similar Description - TPS54618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54678 TI1-TPS54678 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54678 TI-TPS54678_15 Datasheet
1Mb / 39P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54388-Q1 TI-TPS54388-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com