Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54678RTER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54678RTER
Description  2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54678RTER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54678RTER Datasheet HTML 7Page - Texas Instruments TPS54678RTER Datasheet HTML 8Page - Texas Instruments TPS54678RTER Datasheet HTML 9Page - Texas Instruments TPS54678RTER Datasheet HTML 10Page - Texas Instruments TPS54678RTER Datasheet HTML 11Page - Texas Instruments TPS54678RTER Datasheet HTML 12Page - Texas Instruments TPS54678RTER Datasheet HTML 13Page - Texas Instruments TPS54678RTER Datasheet HTML 14Page - Texas Instruments TPS54678RTER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TPS54678
www.ti.com
SLVSBF3A – JUNE 2012 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The TPS54678 is a 6-V, 6-A, synchronous step-down (buck) converter with two integrated N-channel MOSFETs.
To improve the performance during line and load transients the device implements a constant frequency, peak
current mode control which reduces output capacitance and simplifies external frequency compensation design.
The wide switching frequency range of 200 kHz to 2000 kHz allows for efficiency and size optimization when
selecting the output filter components. The switching frequency is adjusted using a resistor to ground on the
RT/CLK pin. The device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the
power switch turn on to a falling edge of an external system clock.
The TPS54678 has a typical default start-up voltage of 2.4 V. The EN pin has an internal pullup current source
that can be used to adjust the input voltage undervoltage lockout (UVLO) with two external resistors. In addition,
the pullup current provides a default condition when the EN pin is floating for the device to operate. The total
operating current for the TPS54678 is typically 570 µA when not switching and under no load. When the device
is disabled, the supply current is less than 3 µA.
The integrated 12-m
Ω MOSFETs allow for high-efficiency power supply designs with continuous output currents
up to 6 amperes. The TPS54678 reduces the external component count by integrating the boot recharge diode.
The bias voltage for the integrated high-side MOSFET is supplied by a capacitor between the BOOT and PH
pins. The boot capacitor voltage is monitored by an UVLO circuit and turns off the high-side MOSFET when the
voltage falls below a preset threshold. This BOOT circuit allows the TPS54678 to operate approaching 100%.
The output voltage can be stepped down to as low as the 0.60-V reference.
TPS54678 features monotonic start-up under prebias conditions. The low-side FET turns on for a short time
period every cycle before the output voltage reaches the prebiased voltage. This ensures the boot cap has
enough charge to turn on the top FET when the output voltage reaches the prebiased voltage.
The TPS54678 has a power good comparator (PWRGD) with 2% hysteresis.
The TPS54678 minimizes excessive output overvoltage transients by taking advantage of the overvoltage power
good comparator. When the regulated output voltage is greater than 105% of the nominal voltage, the
overvoltage comparator is activated, and the high-side MOSFET is turned off and masked from turning on until
the output voltage is lower than 103%.
The SS/TR (slow-start or tracking) pin is used to minimize inrush currents or provide power supply sequencing
during power up. A small value capacitor should be coupled to the pin for slow-start. The SS/TR pin is
discharged before the output power up to ensure a repeatable restart after an overtemperature fault, UVLO fault
or disabled condition. To optimize the output startup waveform, two levels of SS current are implemented.
To reduce the power dissipation of TPS54678 during overcurrent event, the hiccup protection is implemented
beyond the cycle-by-cycle protection.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54678


Similar Part No. - TPS54678RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54678RTER TI1-TPS54678RTER Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54678RTER TI1-TPS54678RTER Datasheet
1Mb / 42P
[Old version datasheet]   2-MHz, Synchronous Step-Down SWIFT Switcher
More results

Similar Description - TPS54678RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54678 TI1-TPS54678 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54678 TI-TPS54678_15 Datasheet
1Mb / 39P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54388-Q1 TI-TPS54388-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com