Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54678RTET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54678RTET
Description  2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54678RTET Datasheet(HTML) 4 Page - Texas Instruments

  TPS54678RTET Datasheet HTML 1Page - Texas Instruments TPS54678RTET Datasheet HTML 2Page - Texas Instruments TPS54678RTET Datasheet HTML 3Page - Texas Instruments TPS54678RTET Datasheet HTML 4Page - Texas Instruments TPS54678RTET Datasheet HTML 5Page - Texas Instruments TPS54678RTET Datasheet HTML 6Page - Texas Instruments TPS54678RTET Datasheet HTML 7Page - Texas Instruments TPS54678RTET Datasheet HTML 8Page - Texas Instruments TPS54678RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TPS54678
SLVSBF3A – JUNE 2012 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, EN
–0.3
7
Input voltage
RT/CLK, PWRGD
–0.3
6
V
COMP, SS/TR, VSENSE
–0.3
3
BOOT-PH
7
PH
–0.7
7
Output voltage
V
PH (20 ns transent)
–2
10
PH (5 ns transient)
–4
12
Source current
EN, RT/CLK
100
µA
COMP, SS
100
µA
Sink current
PWRGD
10
mA
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Electrostatic
V(ESD)
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
3
6
V
TJ
Operating junction temperature
–40
150
°C
6.4 Thermal Information
(1)
TPS54678
THERMAL METRIC(2)
RTE (WQFN)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
43.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.2
°C/W
RθJB
Junction-to-board thermal resistance
14.6
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
14.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.1
°C/W
(1)
Unless otherwise specified, metrics listed in this table refer to JEDEC high-K board measurements
(2)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS54678


Similar Part No. - TPS54678RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54678RTET TI1-TPS54678RTET Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54678RTET TI1-TPS54678RTET Datasheet
1Mb / 42P
[Old version datasheet]   2-MHz, Synchronous Step-Down SWIFT Switcher
More results

Similar Description - TPS54678RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54678 TI1-TPS54678 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54678 TI-TPS54678_15 Datasheet
1Mb / 39P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54388-Q1 TI-TPS54388-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com