Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS6103X Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS6103X
Description  96% Efficient Synchronous Boost Converter With 4A Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6103X Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS6103X Datasheet HTML 4Page - Texas Instruments TPS6103X Datasheet HTML 5Page - Texas Instruments TPS6103X Datasheet HTML 6Page - Texas Instruments TPS6103X Datasheet HTML 7Page - Texas Instruments TPS6103X Datasheet HTML 8Page - Texas Instruments TPS6103X Datasheet HTML 9Page - Texas Instruments TPS6103X Datasheet HTML 10Page - Texas Instruments TPS6103X Datasheet HTML 11Page - Texas Instruments TPS6103X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
SW
C1
10
µF
Power
Supply
L1
6.8
µH
R1
R2
VBAT
VOUT
FB
C2
2.2
µF
C3
220
µF
LBO
PGND
LBI
SYNC
EN
GND
TPS6103x
List of Components:
U1 = TPS6103xPWP
L1 = Sumida CDRH124–6R8
C1, C2 = X7R/X5R Ceramic
C3 = Low ESR Tantalum
VCC
Boost Output
Control Output
R3
R4
R6
0
2
4
6
8
10
12
14
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
0
2
4
6
8
10
12
14
2
3
4
5
VI - Input Voltage - V
–40 C
°
85 C
°
25 C
°
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
1
10
100
1000
10000
IO - Output Current - mA
0
2
4
6
8
10
12
14
16
2
3
4
5
VI - Input Voltage - V
–40 C
°
85 C
°
25 C
°
TPS61030, TPS61031, TPS61032
SLUS534G – SEPTEMBER 2002 – REVISED MARCH 2015
www.ti.com
VBAT = 3.3 V
Figure 10. TPS61032 No-Load Supply Current into Vbat
Figure 9. TPS61032 Output Voltage
vs input Voltage
vs Output Current
Figure 11. TPS61032 No-Load Supply Current Into Vout
Figure 12. Minimum Load Resistance at Start-Up
vs Input Voltage
vs Input Voltage
9 Parameter Measurement Information
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS61030 TPS61031 TPS61032


Similar Part No. - TPS6103X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030PWP TI-TPS61030PWP Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030PWP TI-TPS61030PWP Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030PWPG4 TI-TPS61030PWPG4 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
More results

Similar Description - TPS6103X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com