Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA01142PWR Datasheet(PDF) 8 Page - Texas Instruments

Part # HPA01142PWR
Description  650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01142PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button HPA01142PWR Datasheet HTML 4Page - Texas Instruments HPA01142PWR Datasheet HTML 5Page - Texas Instruments HPA01142PWR Datasheet HTML 6Page - Texas Instruments HPA01142PWR Datasheet HTML 7Page - Texas Instruments HPA01142PWR Datasheet HTML 8Page - Texas Instruments HPA01142PWR Datasheet HTML 9Page - Texas Instruments HPA01142PWR Datasheet HTML 10Page - Texas Instruments HPA01142PWR Datasheet HTML 11Page - Texas Instruments HPA01142PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TPS61085
SLVS859B – JUNE 2008 – REVISED DECEMBER 2014
www.ti.com
8.3 Feature Description
8.3.1 Soft-Start
The boost converter has an adjustable soft-start to prevent high inrush current during start-up. To minimize the
inrush current during start-up an external capacitor connected to the soft-start pin SS and charged with a
constant current, is used to slowly ramp up the internal current limit of the boost converter when charged with a
constant current. When the EN pin is pulled high, the soft-start capacitor CSS is immediately charged to 0.3 V.
The capacitor is then charged at a constant current of 10
μA typically until the output of the boost converter VS
has reached its Power Good threshold (roughly 98% of VS nominal value). During this time, the SS voltage
directly controls the peak inductor current, starting with 0 A at VSS = 0.3 V up to the full current limit at VSS =0.8
V. The maximum load current is available after the soft-start is completed. The larger the capacitor the slower the
ramp of the current limit and the longer the soft-start time. A 100 nF capacitor is usually sufficient for most of the
applications. When the EN pin is pulled low, the soft-start capacitor is discharged to ground.
8.3.2 Frequency Select Pin (FREQ)
The frequency select pin FREQ allows to set the switching frequency of the device to 650 kHz (FREQ = low) or
1.2 MHz (FREQ = high). Higher switching frequency improves load transient response but reduces slightly the
efficiency. The other benefits of higher switching frequency are a lower output ripple voltage. The use of the 1.2
MHz switching frequency is recommended unless light load efficiency is a major concern.
8.3.3 Undervoltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an undervoltage lockout is included that disables the
device, if the input voltage falls below 2.2 V.
8.3.4 Thermal Shutdown
A thermal shutdown is implemented to prevent damages due to excessive heat and power dissipation. Typically
the thermal shutdown threshold happens at a junction temperature of 150°C. When the thermal shutdown is
triggered the device stops switching until the temperature falls below typically 136°C. Then the device starts
switching again.
8.3.5 Overvoltage Prevention
If overvoltage is detected on the FB pin (typically 3 % above the nominal value of 1.238 V) the part stops
switching immediately until the voltage on this pin drops to its nominal value. This prevents overvoltage on the
output and secures the circuits connected to the output from excessive overvoltage.
8.4 Device Functional Modes
The converter operates in continuous conduction mode (CCM) as soon as the input current increases above half
the ripple current in the inductor, for lower load currents it switches into discontinuous conduction mode (DCM). If
the load is further reduced, the part starts to skip pulses to maintain the output voltage.
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPS61085


Similar Part No. - HPA01142PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01140ATPHDRMQ1 TI1-HPA01140ATPHDRMQ1 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
HPA01143PWPR TI1-HPA01143PWPR Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
More results

Similar Description - HPA01142PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com