Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61096ADSST Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61096ADSST
Description  28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61096ADSST Datasheet(HTML) 3 Page - Texas Instruments

  TPS61096ADSST Datasheet HTML 1Page - Texas Instruments TPS61096ADSST Datasheet HTML 2Page - Texas Instruments TPS61096ADSST Datasheet HTML 3Page - Texas Instruments TPS61096ADSST Datasheet HTML 4Page - Texas Instruments TPS61096ADSST Datasheet HTML 5Page - Texas Instruments TPS61096ADSST Datasheet HTML 6Page - Texas Instruments TPS61096ADSST Datasheet HTML 7Page - Texas Instruments TPS61096ADSST Datasheet HTML 8Page - Texas Instruments TPS61096ADSST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SW
ILIM
EN
VIN
GND
VOUT
VOSNS
FB
LV2
LV1
HVO1
HVO2
3
TPS61096A
www.ti.com
SLVSE09A – APRIL 2017 – REVISED APRIL 2017
Product Folder Links: TPS61096A
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSS Package
12-Pin WSON, 3 mm × 2 mm × 0.75 mm
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
LVI1
1
I
Input of level shifter 1
LVI2
2
I
Input of level shifter 2
VIN
3
I
IC power supply input
SW
4
PWR
Switch pin of the converter. It is connected to inductor.
ILIM
5
I
Inductor peak current limit selection pin. Logic low voltage to select 250mA peak current
limit, logic high voltage to select 500mA peak current limit. Must be actively tied high or low.
Do not leave it floating.
EN
6
I
Enable logic input. Logic high voltage enables the device, logic low voltage disables the
device. Must be actively tied high or low. Do not leave it floating.
FB
7
I
Voltage feedback of adjustable output voltage. Connect to the center tap of a resistor divider
to program the output voltage.
VOSNS
8
I/O
Boost converter output voltage sense pin. Connect an external resistor divider between this
pin and FB pin.
VOUT
9
PWR
Boost converter output
GND
10
PWR
Ground pin
HVO2
11
O
Output of level shifter 2
HVO1
12
O
Output of level shifter 1


Similar Part No. - TPS61096ADSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096 TI1-TPS61096 Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096DSSR TI1-TPS61096DSSR Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61096DSST TI1-TPS61096DSST Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS61096ADSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61096 TI1-TPS61096 Datasheet
2Mb / 26P
[Old version datasheet]   TPS61096 28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com