Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7006C-V Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CH7006C-V
Description  Digital PC to TV Encoder Features
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7006C-V Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CH7006C-V Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 11Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 12Page - List of Unclassifed Manufacturers CH7006C-V Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
201-0000-026 Rev 2.1, 8/2/99
9
CHRONTEL
CH7006C
Multiplexed Mode
Each rising edge (or each rising and falling edge) of the XCLK signal will latch data from the graphics chip. The
multiplexed input data formats are shown in Figure 5 and 6.
The Pixel Data bus represents an 8, 12, or 16-bit
multiplexed data stream, which contains either RGB or YCrCb formatted data. In IDF settings of 2, 4, 5, 7, 8 and 9,
the input data rate is 2X PCLK, and each pair of Pn values (e.g., P0a and P0b) will contain a complete pixel,
encoded as shown in the tables below. When IDF = 6, the input data rate is 3X PCLK, and each triplet of Pn values
(e.g., P0a, P0b and P0c) will contain a complete pixel, encoded as shown in the tables below. When the input is
YCrCb, the color-difference data will be transmitted at half the data rate of the luminance data, with the sequence
being set as Cb, Y, Cr, Y where Cb0,Y0,Cr0 refers to co-sited luminance and color-difference samples — and the
following Y1 byte refers to the next luminance sample, per CCIR656 standards. However, the clock frequency is
dependent upon the current mode, (not 27MHz, as specified in CCIR656).
Figure 5: Multiplexed Pixel Data Transfer Mode
Table 4. RGB 8-bit Multiplexed Mode
IDF#
Format
7
RGB 5-6-5
8
RGB 5-5-5
Pixel#
P0a
P0b
P1a
P1b
P0a
P0b
P1a
P1b
Bus Data
D[7]
G0[2]
R0[4]
G1[2]
R1[4]
G0[2]
x
G1[2]
x
D[6]
G0[1]
R0[3]
G1[1]
R1[3]
G0[1]
R0[4]
G1[1]
R1[4]
D[5]
G0[0]
R0[2]
G1[0]
R1[2]
G0[0]
R0[3]
G1[0]
R1[3]
D[4]
B0[4]
R0[1]
B1[4]
R1[1]
B0[4]
R0[2]
B1[4]
R1[2]
D[3]
B0[3]
R0[0]
B1[3]
R1[0]
B0[3]
R0[1]
B1[3]
R1[1]
D[2]
B0[2]
G0[5]
B1[2]
G1[5]
B0[2]
R0[0]
B1[2]
R1[0]
D[1]
B0[1]
G0[4]
B1[1]
G1[4]
B0[1]
G0[4]
B1[1]
G1[4]
D[0]
B0[0]
G0[3]
B1[0]
G1[3]
B0[0]
G0[3]
B1[0]
G1[3]
t
HSW
HS
t
HD
t
PH2
t
P2
t
HP2
t
SP2
D[15:0]
P0a
P0b
P1a
P1b
P2a
P2b
XCLK
DEC = 0
XCLK
DEC = 1
t
SP2
t
SP2
t
HP2
t
HP2


Similar Part No. - CH7006C-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7001C-V ETC-CH7001C-V Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7002D-V ETC-CH7002D-V Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
More results

Similar Description - CH7006C-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7008A ETC-CH7008A Datasheet
341Kb / 49P
   Digital PC to TV Encoder Features
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
CH7013B ETC1-CH7013B Datasheet
1,004Kb / 46P
   Digital PC to TV Encoder
CH1005C ETC-CH1005C Datasheet
338Kb / 49P
   Digital PC to TV Encoder with Macrovision
CH7004C ETC1-CH7004C Datasheet
336Kb / 51P
   Digital PC to TV Encoder with Macrovision
CH7007A ETC-CH7007A Datasheet
278Kb / 49P
   DIGITAL PC TO TV ENCODER WITH MACROVISION
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com