Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61161-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61161-Q1
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61161-Q1 Datasheet HTML 1Page - Texas Instruments TPS61161-Q1 Datasheet HTML 2Page - Texas Instruments TPS61161-Q1 Datasheet HTML 3Page - Texas Instruments TPS61161-Q1 Datasheet HTML 4Page - Texas Instruments TPS61161-Q1 Datasheet HTML 5Page - Texas Instruments TPS61161-Q1 Datasheet HTML 6Page - Texas Instruments TPS61161-Q1 Datasheet HTML 7Page - Texas Instruments TPS61161-Q1 Datasheet HTML 8Page - Texas Instruments TPS61161-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
TPS61160, TPS61161
www.ti.com
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI
Supply voltages on VIN(2)
–0.3
20
V
Voltages on CTRL(2)
–0.3
20
V
Voltage on FB and COMP(2)
–0.3
3
V
Voltage on SW(2)
–0.3
40
V
TJ
Operating junction temperature
40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
These values are recommended values that have been successfully tested in several applications. Other values may be acceptable in
other applications but should be fully tested by the user.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VI
Input voltage
2.7
18
V
VO
Output voltage
VIN
38
V
L
Inductor(1)
10
22
μH
ƒdim
PWM dimming frequency
5
100
kHz
tPWM_MIN
Minimum pulse width at PWM input
50
ns
CIN
Input capacitor
1
μF
CO
Output capacitor(1)
0.47
10
μF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
6.4 Thermal Information
THERMAL METRIC(1)
TPS61160,
TPS61161
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
96.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
89
°C/W
RθJB
Junction-to-board thermal resistance
65.9
°C/W
ψJT
Junction-to-top characterization parameter
3.2
°C/W
ψJB
Junction-to-board characterization parameter
66.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
40.8
°C/W


Similar Part No. - TPS61161-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
More results

Similar Description - TPS61161-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com