Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82672 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82672
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82672 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS82672 Datasheet HTML 7Page - Texas Instruments TPS82672 Datasheet HTML 8Page - Texas Instruments TPS82672 Datasheet HTML 9Page - Texas Instruments TPS82672 Datasheet HTML 10Page - Texas Instruments TPS82672 Datasheet HTML 11Page - Texas Instruments TPS82672 Datasheet HTML 12Page - Texas Instruments TPS82672 Datasheet HTML 13Page - Texas Instruments TPS82672 Datasheet HTML 14Page - Texas Instruments TPS82672 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
(
)
(
)
m
c
m
B = 2
1 + m
= 2
+
¦
´ ¦
´
´
D ¦
¦
c
c
ƒ
=
ƒ
D
d
c
ƒ
m
δ
ƒ
m =
ƒ
´
(
)
(
)
h
m
f
B
f
f
m
f
B
f
m
h
m
c
f
m
×
+
×
×
=
+
D
×
=
+
×
×
=
1
2
)
(
2
1
2
(
)
)
(
2
1
2
m
c
f
m
f
f
m
f
B
+
D
×
=
+
×
×
=
0dBV
0dBVref
F1
FENV,PEAK
Dfc
Dfc
Non-modulatedharmonic
Side-bandharmonics
windowaftermodulation
11
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
www.ti.com
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
Spectrum illustrations and formulae (Figure 8 and Figure 9) copyright IEEE TRANSACTIONS ON ELECTROMAGNETIC
COMPATIBILITY, VOL. 47, NO.3, AUGUST 2005. See References Section for full citation.
The spread spectrum architecture varies the switching frequency by approximately ±10% of the nominal
switching frequency, thereby significantly reduces the peak radiated and conducting noise on both the input and
output supplies. The frequency dithering scheme is modulated with a triangle profile and a modulation frequency
fm.
Figure 8. Spectrum Of A Frequency Modulated Sin.
Wave With Sinusoidal Variation In Time
Figure 9. Spread Bands Of Harmonics In
Modulated Square Signals (1)
Figure 8 and Figure 9 show that after modulation the sideband harmonic is attenuated when compared to the
non-modulated harmonic, and when the harmonic energy is spread into a certain frequency band. The higher the
modulation index (mf) the larger the attenuation.
(1)
With:
fc is the carrier frequency (i.e. nominal switching frequency)
fm is the modulating frequency (approx. 0.016*fc)
δ is the modulation ratio (approx 0.1)
(2)
The maximum switching frequency is limited by the process and by the parameter modulation ratio (
δ), together
with fm, which is the bandwidth of the side-band harmonics around the carrier frequency fc. The bandwidth of a
frequency modulated waveform is approximately given by the Carson’s rule and can be summarized as:
(3)
fm < RBW: The receiver is not able to distinguish individual side-band harmonics; so, several harmonics are
added in the input filter and the measured value is higher than expected in theoretical calculations.
fm > RBW: The receiver is able to properly measure each individual side-band harmonic separately, so that the
measurements match the theoretical calculations.


Similar Part No. - TPS82672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82672 TI1-TPS82672 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82672 TI1-TPS82672 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82672 TI1-TPS82672 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82672 TI-TPS82672 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82672 TI1-TPS82672 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS82672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com