Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS826721 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS826721
Description  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS826721 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS826721 Datasheet HTML 2Page - Texas Instruments TPS826721 Datasheet HTML 3Page - Texas Instruments TPS826721 Datasheet HTML 4Page - Texas Instruments TPS826721 Datasheet HTML 5Page - Texas Instruments TPS826721 Datasheet HTML 6Page - Texas Instruments TPS826721 Datasheet HTML 7Page - Texas Instruments TPS826721 Datasheet HTML 8Page - Texas Instruments TPS826721 Datasheet HTML 9Page - Texas Instruments TPS826721 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676
TPS82677, TPS826711, TPS826716, TPS826721, TPS826745, TPS826765, TPS8267195
SLVSAI0J – OCTOBER 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826716 TPS826721 TPS826745 TPS826765 TPS8267195
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
(4)
The machine model is a 200-pF capacitor discharged directly into each pin.
8.2 ESD Ratings
VALUE
UNIT
VESD
(1)
Human body model (HBM) ESD stress voltage(2)
±2000
V
Charge device model (CDM) ESD stress voltage(3)
±1000
Machine model (MM) ESD stress voltage(4)
±200
V
(1)
Operation above 4.8V input voltage for extended periods may affect device reliability.
(2)
In certain applications larger capacitor values can be tolerable, see Output Capacitor Selection section for more details.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.3
4.8(1)
V
IO
Output current range
TPS82671 to TPS826765
0
600
mA
Additional output capacitance (PFM/PWM operation)(2)
TPS82670 to TPS82676
TPS826711, TPS826716,
TPS826721, TPS826765,
TPS8267195
0
2.5
µF
TPS82677
0
4
µF
Additional output capacitance (PWM operation)(2)
0
7
µF
TA
Ambient temperature
–40
+85
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.4 Thermal Information
THERMAL METRIC(1)
TPS8267x
UNIT
SIP
8 PINS
RθJA
Junction-to-ambient (top) thermal resistance
125
°C/W
Junction-to-ambient (bottom) thermal resistance
70
RθJCtop
Junction-to-case (top) thermal resistance
-
RθJB
Junction-to-board thermal resistance
-
ψJT
Junction-to-top characterization parameter
-
ψJB
Junction-to-board characterization parameter
-
RθJCbot
Junction-to-case (bottom) thermal resistance
-
8.5 Electrical Characteristics
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 1.8V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
1.8V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IQ
Operating quiescent current
IO = 0mA. Device not switching
17
40
μA
IO = 0mA. PWM operation
5.8
mA
ISD
Shutdown current
EN = GND
0.5
5
μA
UVLO
Undervoltage lockout threshold
TPS8267195 only
2.08
2.14
V
all other versions
2.05
2.1


Similar Part No. - TPS826721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS826721 TI1-TPS826721 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS826721SIPR TI1-TPS826721SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS826721SIPT TI1-TPS826721SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS826721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com