Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBPFS-0915 Datasheet(PDF) 3 Page - CRYSTEK CORPORATION

Part # CBPFS-0915
Description  SAW Band Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CBPFS-0915 Datasheet(HTML) 3 Page - CRYSTEK CORPORATION

  CBPFS-0915 Datasheet HTML 1Page - CRYSTEK CORPORATION CBPFS-0915 Datasheet HTML 2Page - CRYSTEK CORPORATION CBPFS-0915 Datasheet HTML 3Page - CRYSTEK CORPORATION CBPFS-0915 Datasheet HTML 4Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
100
90
80
70
60
50
40
30
20
10
0
0
500
1000
1500
2000
2500
3000
55
50
45
40
35
30
25
20
15
10
5
0
750
800
850
900
950
1000
1050
1
2
3
1
2
3
Markers
1: 900.000 MHz
2.318 dB
2: 915.000 MHz
2.076 dB
3: 930.000 MHz
2.616 dB
Markers
1: 495.250 MHz
58.176 dB
2: 1590.141 MHz
35.639 dB
3: 2115.088 MHz
33.824 dB
Frequency (MHz)
Typical Frequency Characteristics [close in]
Frequency (MHz)
Typical Frequency Characteristics [full span]
Rev F
Page 3 of 4


Similar Part No. - CBPFS-0915

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CBPFS-0902 CRYSTEKMICROWAVE-CBPFS-0902 Datasheet
408Kb / 4P
   SAW Band Pass Filter
More results

Similar Description - CBPFS-0915

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CBPFS-1960 CRYSTEKMICROWAVE-CBPFS-1960 Datasheet
223Kb / 4P
   SAW Band Pass Filter
CBPFS-2441 CRYSTEKMICROWAVE-CBPFS-2441 Datasheet
380Kb / 3P
   SAW Band Pass Filter
CBPFS-0881 CRYSTEKMICROWAVE-CBPFS-0881 Datasheet
392Kb / 4P
   SAW Band Pass Filter
CBPFS-1880 CRYSTEKMICROWAVE-CBPFS-1880 Datasheet
224Kb / 4P
   SAW Band Pass Filter
CBPFS-0836 CRYSTEKMICROWAVE-CBPFS-0836 Datasheet
395Kb / 4P
   SAW Band Pass Filter
CBPFS-0866 CRYSTEKMICROWAVE-CBPFS-0866 Datasheet
224Kb / 4P
   SAW Band Pass Filter
CBPFS-0902 CRYSTEKMICROWAVE-CBPFS-0902 Datasheet
408Kb / 4P
   SAW Band Pass Filter
CBPFS-1575 CRYSTEKMICROWAVE-CBPFS-1575 Datasheet
395Kb / 4P
   SAW Band Pass Filter
logo
Oscilent Corporation
802-RF1215.0M-A OSCILENT-802-RF1215.0M-A Datasheet
409Kb / 3P
   RF Band Pass SAW Filter
802-RF1472.0M-A OSCILENT-802-RF1472.0M-A Datasheet
369Kb / 3P
   RF Band Pass SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com