Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC01ZETE13REV-F Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT24FC01ZETE13REV-F
Description  1-kb I2C Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC01ZETE13REV-F Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT24FC01ZETE13REV-F Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC01ZETE13REV-F Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT24FC01
2
Doc. No. 1073, Rev. D
CAPACITANCE TA = 25°C, f = 400 kHz, VCC = 5 V
Symbol
Test
Conditions
Min
Typ
Max
Units
CI/O(3)
Input/Output Capacitance (SDA)
VI/O = 0 V
8
pF
CIN(3)
Input Capacitance (other pins)
VIN = 0 V
6
pF
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND(3)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR(3)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP(3)
ESD Susceptibility
MIL-STD-883, Test Method 3015
4000
Volts
ILTH(3)(4)
Latch-up
JEDEC Standard 17
100
mA
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
–55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ............ –2.0 V to VCC + 2.0 V
VCC with Respect to Ground ............. –2.0 V to +7.0 V
Package Power Dissipation
Capability (TA = 25
°C) .................................. 1.0 W
Note:
(1) The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1.0 V to VCC + 1.0 V.
(5) Maximum standby current (ISB) = 10µA for the Extended Automotive temperature range.
D.C. OPERATING CHARACTERISTICS
VCC = 1.8 V to 5.5 V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current (Read)
fSCL = 100 kHz
1
mA
ICC
Power Supply Current (Write)
fSCL = 100 kHz
3
mA
ISB(5)
Standby Current (VCC = 5.0 V)
VIN = GND or VCC
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
1
µA
VIL
Input Low Voltage
–1VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0 V)
IOL = 3 mA
0.4
V
VOL2
Output Low Voltage (VCC = 1.8 V)
IOL = 1.5 mA
0.5
V
Lead Soldering Temperature (10 seconds) ...... 300
°C
Output Short Circuit Current(2) ....................... 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.


Similar Part No. - CAT24FC01ZETE13REV-F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01ZETE13 CATALYST-CAT24FC01ZETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC01ZETE13REV-F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_18 Datasheet
219Kb / 11P
   EEPROM Serial 1/2-Kb I2C
April, 2018 ??Rev. 6
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com