Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB320_R2_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB320_R2_10001
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB320_R2_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB320_R2_10001 Datasheet HTML 1Page - Pan Jit International Inc. SB320_R2_10001 Datasheet HTML 2Page - Pan Jit International Inc. SB320_R2_10001 Datasheet HTML 3Page - Pan Jit International Inc. SB320_R2_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 20,2016-REV.05
SB320 SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• For use in low voltage,high frequency inverters, free wheeling,
and polarity protection applications
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case: DO-201AD Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Weight: 0.04 ounces, 1.142 grams
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
CURRENT
3 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
PA RA M E TE R
S YM BOL
S B3 2 0
SB3 3 0
SB3 4 0
S B 3 5 0
SB3 6 0
UNITS
Ma xi mum Re c urre nt P e a k Re ve rs e Vo lta g e
V
RRM
2 0
3 0
40
50
60
V
Ma xi mum RM S Vo lt a g e
V
RMS
14
21
28
35
42
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
2 0
3 0
40
50
60
V
M a xi m um A ve r a ge For war d Re c t i f i ed C ur r e nt 0.375 " ( 9.5m m )
lead le ng th
I
F(A V )
3A
P eak For war d S ur g e C ur r e nt : 8 . 3m s s i ng le ha lf s i ne - wave
s up e r i m po se d on r a te d lo a d
I
FS M
80
A
M a xi m um For wa r d Vo lt ag e at 3A ( Note 3 )
V
F
0.5
0 .7 5
V
Ma xi mum D C Re ve rs e C urre nt a t Ra te d D C B lo c k i ng
Vo lt a g e
T
J =2 5
OC
T
J =1 0 0
O C
I
R
0.2
30
0. 1
30
mA
Typi c a l Ther m a l Re s i s tanc e ( Note 2)
( No t e 1)
( No t e 1)
R
θJA
R
θJC
R
θJL
50
12
15
OC / W
Op e r a t i ng J unc t i on and S t or a ge Te m per atur e Ra ng e
T
J ,T STG
- 55 to + 125
- 5 5 to + 1 5 0
OC
Notes :
1. Measured at ambient temperature at a distance of 9.5mm from the case
2. Minimum Pad Area
3. Pulse test : 300
μs pulse width , 1% duty cycle
1
2
Cathode
Anode
0.052(1.3)
0.048(1.2)
0.210(5.3)
0.188(4.8)


Similar Part No. - SB320_R2_10001

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
SB320-1.5 GSG-SB320-1.5 Datasheet
197Kb / 1P
   Chips for Schottky Diodes
SB320-1.8 GSG-SB320-1.8 Datasheet
208Kb / 1P
   Chips for Schottky Diodes
logo
Nanjing International G...
SB320-3A-DO-27 DGNJDZ-SB320-3A-DO-27 Datasheet
281Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB320-B DIODES-SB320-B Datasheet
70Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
SB320-B DIODES-SB320-B Datasheet
78Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
More results

Similar Description - SB320_R2_10001

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com