Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2843ABIM25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM2843ABIM25
Description  300MA CMOS LDO WITH EN PG
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2843ABIM25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM2843ABIM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2843ABIM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CM2843
300mA CMOS LDO WITH EN & PG
2004/06/01 Rev. 1.3
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Part Number
Output Voltage
Temperature Range
Package
CM2843ACIM25
1.2V
-40℃ ~ +85℃
SOT-23-5
CM2843ABIM25
1.3V
-40℃ ~ +85℃
SOT-23-5
CM2843AIM25
1.5V
-40℃ ~ +85℃
SOT-23-5
CM2843GACIM25
1.2V
-40℃ ~ +85℃
SOT-23-5
CM2843GABIM25
1.3V
-40℃ ~ +85℃
SOT-23-5
CM2843GAIM25
1.5V
-40℃ ~ +85℃
SOT-23-5
Note: For other pre-set output voltage, please contact Champion Sales office.
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage
…………….……………………………. +7V
Output Current
…………………….……
PD / (VIN - Vo)
Output Voltage
…………………… GND-0.3V to VIN+0.3V
ESD Classification
………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range
…..…... -40℃ to +125℃
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (Θjc)
SOT-23-5
160
℃/W
Internal Power Dissipation (PD)
(ΔT = 100℃)
SOT-23-5
250
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
*With Junction sink capable of twice times ofΘjc
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - CM2843ABIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ABIM25 ETC1-CM2841ABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ACIM25 ETC1-CM2841ACIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841AIM25 ETC1-CM2841AIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841GABIM25 ETC1-CM2841GABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
More results

Similar Description - CM2843ABIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2852 ETC1-CM2852 Datasheet
179Kb / 10P
   300mA CMOS LDO WITH EN & PG
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com