Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33814 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 82P33814
Description  Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33814 Datasheet(HTML) 4 Page - Integrated Device Technology

  82P33814_17 Datasheet HTML 1Page - Integrated Device Technology 82P33814_17 Datasheet HTML 2Page - Integrated Device Technology 82P33814_17 Datasheet HTML 3Page - Integrated Device Technology 82P33814_17 Datasheet HTML 4Page - Integrated Device Technology 82P33814_17 Datasheet HTML 5Page - Integrated Device Technology 82P33814_17 Datasheet HTML 6Page - Integrated Device Technology 82P33814_17 Datasheet HTML 7Page - Integrated Device Technology 82P33814_17 Datasheet HTML 8Page - Integrated Device Technology 82P33814_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
8
©2017 Integrated Device Technology, Inc.
Revision 7, January 9, 2017
82P33814 Datasheet
1
PIN ASSIGNMENT
Figure 2. Pin Assignment (Top View)
8XXXXXX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
82P33814
VDDA
VDDA
VDDA
VDDA
VDDA
OSCi
VC2
TMS
TRSTB
TDI
TCK
TDO
VDDA
VDDA
VC1
XO_FREQ0/LOS0
XO_FREQ1/LOS1
XO_FREQ2/LOS2
IN6
VDDD_1_8
SDO/I2C_SDA/UART_TX
CLKE/I2C_AD1
CS/I2C_AD0
SCLK/I2C_SCL
MPU_MODE0/I2CM_SDA
MPU_MODE1/I2CM_SCL
SDI/I2C_AD2/UART_RX
RSTB
FRSYNC_8K_1PPS
MFRSYNC_2K_1PPS
VDDD_1_8
IN4_NEG
VDDD
IN5
IN4_POS
DPLL3_LOCK


Similar Part No. - 82P33814_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
More results

Similar Description - 82P33814_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
logo
Integrated Device Techn...
82P33831 IDT-82P33831_17 Datasheet
275Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33810 IDT-82P33810_17 Datasheet
270Kb / 11P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33831 IDT-82P33831_16 Datasheet
284Kb / 13P
   Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33813 IDT-82P33813_17 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33810 RENESAS-82P33810 Datasheet
1Mb / 72P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
September 4, 2017
82P33813 RENESAS-82P33813 Datasheet
1Mb / 70P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
September 5, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com