Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33814ANLG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 82P33814ANLG
Description  Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33814ANLG Datasheet(HTML) 1 Page - Integrated Device Technology

  82P33814ANLG Datasheet HTML 1Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 2Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 3Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 4Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 5Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 6Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 7Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 8Page - Integrated Device Technology 82P33814ANLG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is a short form datasheet and is intended to provide an overview only. Additional details are available from IDT. Contact information may be found
on the last page.
5
©2017 Integrated Device Technology, Inc.
Revision 7, January 9, 2017
HIGHLIGHTS
Synchronization Management Unit (SMU) provides tools to man-
age physical layer and packet based synchronous clocks for IEEE
1588 / PTP Telecom Profile applications
Supports independent IEEE 1588 and Synchronous Ethernet
(SyncE) timing paths
Combo mode provides SyncE physical layer frequency support for
IEEE 1588 Telecom Boundary Clocks (T-BC) and Telecom Time
Slave Clocks (T-TSC) per G.8273.2
Digital PLL 1 (DPLL1) and DPLL 2 can be configured as Digitally
Controlled Oscillators (DCOs) for PTP clock synthesis
DCO frequency resolution is [(77760 / 1638400) * 2^-48] or
~1.686305041e-10 ppm
DPLL1 and DPLL2 generate G.8262 compliant SyncE clocks
Two independent Time of Day (ToD) counters/time accumulators,
one associated with each of DPLL1 and DPLL2, can be used to
track differences between the two time domains and to time-stamp
external events
DPLL3 performs rate conversions to frequency synchronization
interfaces or for other general purpose timing applications
APLL1 and APLL2 generate clocks with jitter < 1 ps RMS (12 kHz
to 20 MHz) for: 1000BASE-T and 1000BASE-X
Fractional-N input dividers support a wide range of reference fre-
quencies
Locks to 1 Pulse Per Second (PPS) references
It can be configured from an external EEPROM after reset
FEATURES
Differential reference inputs (IN1 to IN4) accept clock frequencies
between 1 PPS and 650 MHz
Single ended inputs (IN5 to IN6) accept reference clock frequen-
cies between 1 PPS and 162.5 MHz
Loss of Signal (LOS) pins (LOS0 to LOS3) can be assigned to any
clock reference input
Reference monitors qualify/disqualify references depending on
activity, frequency and LOS pins
Automatic reference selection state machines select the active ref-
erence for each DPLL based on the reference monitors, priority
tables, revertive and non-revertive settings and other programma-
ble settings
Fractional-N input dividers enable the DPLLs to lock to a wide
range of reference clock frequencies including: 10/100/1000 Ether-
net, 10G Ethernet, OTN, SONET/SDH, PDH, TDM, GSM, CPRI
and GNSS frequencies
Any reference input (IN1 to IN6) can be designated as external
sync pulse inputs (1 PPS, 2 kHz, 4 kHz or 8 kHz) associated with a
selectable reference clock input
FRSYNC_8K_1PPS and MFRSYNC_2K_1PPS output sync pulses
that are aligned with the selected external input sync pulse input
and frequency locked to the associated reference clock input
DPLL1 and DPLL2 can be configured with bandwidths between
0.09 mHz and 567 Hz
DPLL1 and DPLL2 lock to input references with frequencies
between 1 PPS and 650 MHz
DPLL3 locks to input references with frequencies between 8 kHz
and 650 MHz
DPLL1 and DPLL2 comply with ITU-T G.8262 for Synchronous
Ethernet Equipment Clock (EEC), and G.813 for Synchronous
Equipment Clock (SEC); and Telcordia GR-253-CORE for Stratum
3 and SONET Minimum Clock (SMC)
DPLL1 and DPLL2 generate clocks with PDH, TDM, GSM, CPRI/
OBSAI, 10/100/1000 Ethernet and GNSS frequencies; these clocks
are directly available on OUT1 and OUT8
DPLL1 and DPLL2 can be configured as DCOs to synthesize IEEE
1588 clocks
DPLL3 generates N x 8 kHz clocks up to 100 MHz that are output
on OUT9 and OUT10
APLL1 and APLL2 can be connected to DPLL1 or DPLL2
APLL1 and APLL2 generate 10/100/1000 Ethernet, 10G Ethernet,
or SONET/SDH frequencies
Any of eight common TCXO/OCXO frequencies can be used for
the System Clock: 10 MHz, 12.8 MHz, 13 MHz, 19.44 MHz, 20
MHz, 24.576 MHz, 25 MHz or 30.72 MHz
The I2C slave, SPI or the UART interface can be used by a host
processor to access the control and status registers
The I2C master interface can automatically load a device configura-
tion from an external EEPROM after reset
Differential outputs OUT3 to OUT6 output clocks with frequencies
between 1 PPS and 650 MHz
Single ended outputs OUT1, OUT2, OUT7 and OUT8 output clocks
with frequencies between 1 PPS and 125 MHz
Single ended outputs OUT9 and OUT10 output clocks N*8kHz mul-
tiples up to 100 MHz
DPLL1 and DPLL2 support independent programmable delays for
each of IN1 to IN6; the delay for each input is programmable in
steps of 0.61 ns with a range of ~±78 ns
The input to output phase delay of DPLL1 and DPLL2 is program-
mable in steps of 0.0745 ps with a total range of ±20 μs
The clock phase of each of the output dividers for OUT1 (from
APLL1) to OUT8 is individually programmable in steps of ~200 ps
with a total range of +/-180°
1149.1 JTAG Boundary Scan
72-pin QFN green package
APPLICATIONS
Access routers, edge routers, core routers
Carrier Ethernet switches
Multiservice access platforms
PON OLT
LTE eNodeB
IEEE 1588 / PTP Telecom Profile clock synthesizer
ITU-T G.8273.2 Telecom Boundary Clock (T-BC) and Telecom
Time Slave Clock (T-TSC)
ITU-T G.8264 Synchronous Equipment Timing Source (SETS)
ITU-T G.8263 Packet-based Equipment Clock (PEC)
Synchronization Management Unit for
IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33814
Datasheet


Similar Part No. - 82P33814ANLG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33814ANLG IDT-82P33814ANLG Datasheet
350Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33814ANLG/W IDT-82P33814ANLG/W Datasheet
350Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33814ANLG8 IDT-82P33814ANLG8 Datasheet
350Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
More results

Similar Description - 82P33814ANLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
logo
Integrated Device Techn...
82P33831 IDT-82P33831_17 Datasheet
275Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33810 IDT-82P33810_17 Datasheet
270Kb / 11P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33831 IDT-82P33831_16 Datasheet
284Kb / 13P
   Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33813 IDT-82P33813_17 Datasheet
272Kb / 13P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33810 RENESAS-82P33810 Datasheet
1Mb / 72P
   Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
September 4, 2017
82P33813 RENESAS-82P33813 Datasheet
1Mb / 70P
   Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
September 5, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com