Electronic Components Datasheet Search |
|
UA78M05-Q1 Datasheet(PDF) 1 Page - Texas Instruments |
|
UA78M05-Q1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 30 page UA78MXX INPUT OUTPUT COMMON 0.33 2F 0.1 2F Unregulated Voltage Source Up to 500 mA Product Folder Sample & Buy Technical Documents Tools & Software Support & Community uA78M05, uA78M06, uA78M08 uA78M09, uA78M10, uA78M12, uA78M33 SLVS059T – JUNE 1976 – REVISED JANUARY 2015 µA78Mxx Positive-Voltage Regulators 1 Features 3 Description This series of fixed-voltage integrated-circuit voltage 1 • 3-Terminal Regulators regulators is designed for a wide range of • Output Current up to 500 mA applications. The applications include on-card • No External Components regulation for elimination of noise and distribution problems associated with single-point regulation. • Internal Thermal-Overload Protection Each of these regulators can deliver up to 500 mA of • High Power-Dissipation Capability output current. The internal current-limiting and • Internal Short-Circuit Current Limiting thermal-shutdown features of these regulators essentially make them immune to overload. In • Output Transistor Safe-Area Compensation addition to use as fixed-voltage regulators, these devices can be used with external components to 2 Applications obtain adjustable output voltages and currents and • On-Card Regulation also as the power-pass element in precision • Portable Devices regulators. • Computing & Servers Device Information(1) • Telecommunications PART NUMBER PACKAGE BODY SIZE (NOM) SOT-223 (3) 6.50 mm x 3.50 mm UA78Mxx TO-220 (3) 10.16 mm x 8.82 mm TO-252 (3) 6.60 mm x 6.10 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. 4 Simplified Schematic 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - UA78M05-Q1 |
|
Similar Description - UA78M05-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |