Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843N001I Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 843N001I
Description  Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843N001I Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 843N001I Datasheet HTML 5Page - Integrated Device Technology 843N001I Datasheet HTML 6Page - Integrated Device Technology 843N001I Datasheet HTML 7Page - Integrated Device Technology 843N001I Datasheet HTML 8Page - Integrated Device Technology 843N001I Datasheet HTML 9Page - Integrated Device Technology 843N001I Datasheet HTML 10Page - Integrated Device Technology 843N001I Datasheet HTML 11Page - Integrated Device Technology 843N001I Datasheet HTML 12Page - Integrated Device Technology 843N001I Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REVISION B 8/25/15
873991-147 DATA SHEET
9
LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL
CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
OUTPUT RISE/FALL TIME
OUTPUT LOAD AC TEST CIRCUIT
2V
-1.3V ± -0.165V
V
CC
,
V
CCO
HALF-CYCLE JITTER
OUTPUT SKEW
MULTIPLE FREQUENCY SKEW
DIFFERENTIAL INPUT LEVELS
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
CYCLE-TO-CYCLE JITTER
V
CMR
Cross Points
V
PP
V
CC
V
EE
CLK
nCLK
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
tsk(
ω)
nQxx
Qxx
nQyy
Qyy
nQFB,
nQAx:nQDx
QFB,
QAx:QDx
tjit(hcyc) =
|hcyc n – hcyc n+1|
1000 Cycles
hcyc n
hcyc n+1
QFB,
QAx:QDx
nQFB,
nQAx:nQDx
STATIC PHASE OFFSET
QFB,
QAx:QDx
nQFB,
nQAx:nQDx
V
CCA
2V


Similar Part No. - 843N001I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843N252-45 IDT-843N252-45 Datasheet
270Kb / 16P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843N252-45 RENESAS-843N252-45 Datasheet
488Kb / 17P
   FemtoClock® NG Crystal-to-3.3V LVPECL Frequency Synthesizer
April 20, 2016
logo
Integrated Device Techn...
843N252GG-45LF IDT-843N252GG-45LF Datasheet
270Kb / 16P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843N252GG-45LF RENESAS-843N252GG-45LF Datasheet
488Kb / 17P
   FemtoClock® NG Crystal-to-3.3V LVPECL Frequency Synthesizer
April 20, 2016
logo
Integrated Device Techn...
843N252GG-45LFT IDT-843N252GG-45LFT Datasheet
270Kb / 16P
   LVPECL Frequency Synthesizer
More results

Similar Description - 843N001I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
logo
Renesas Technology Corp
873991 RENESAS-873991 Datasheet
532Kb / 19P
   LOW VOLTAGE, LVCMOS/ LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8/25/15
873991-147 RENESAS-873991-147 Datasheet
530Kb / 21P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
8/25/15
logo
Integrated Circuit Syst...
ICS873990 ICST-ICS873990 Datasheet
165Kb / 16P
   LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8S89834I IDT-ICS8S89834I Datasheet
879Kb / 17P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
8S89834I IDT-8S89834I Datasheet
315Kb / 18P
   Low Skew, 2-to-4 LVCMOS/LVTTL-to- LVPECL/ECL Clock Multiplexer
logo
Renesas Technology Corp
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com