Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844S012AKILFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 844S012AKILFT
Description  Crystal-to-LVDS/LVCMOS Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844S012AKILFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 844S012AKILFT Datasheet HTML 3Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 4Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 5Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 6Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 7Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 8Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 9Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 10Page - Integrated Device Technology 844S012AKILFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
844S012 REVISION B 08/25/15
7
©2015 Integrated Device Technology, Inc.
844S012 Data Sheet
CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDOB = VDDOC = 3.3V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to VDD
-0.5V to VDDOx + 0.5V
Outputs, VO (LVCMOS)
-0.5V to VDDOx + 0.5V
Outputs, IO (LVDS)
Continuos Current
Surge Current
10mA
15mA
Package Thermal Impedance,
JA
31.4°C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.20
3.3
VDD
V
VDDOB,
VDDOC
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
285
mA
IDDA
Analog Supply Current
20
mA
IDDOA +
IDDOB
Output Supply Current
1mA


Similar Part No. - 844S012AKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844S012AKILFT RENESAS-844S012AKILFT Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
More results

Similar Description - 844S012AKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844S012I-01 RENESAS-844S012I-01 Datasheet
578Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
January 5, 2016
844S012 RENESAS-844S012 Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
logo
Pericom Semiconductor C...
PI6LC4840 PERICOM-PI6LC4840 Datasheet
857Kb / 10P
   Crystal to LVDS/LVCMOS Frequency Synthesizer
logo
Integrated Device Techn...
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
   FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-04 ICST-ICS844004I-04 Datasheet
202Kb / 13P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com