Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPV364M4K Datasheet(PDF) 7 Page - International Rectifier

Part # CPV364M4K
Description  IGBT SIP MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV364M4K Datasheet(HTML) 7 Page - International Rectifier

Back Button CPV364M4K Datasheet HTML 2Page - International Rectifier CPV364M4K Datasheet HTML 3Page - International Rectifier CPV364M4K Datasheet HTML 4Page - International Rectifier CPV364M4K Datasheet HTML 5Page - International Rectifier CPV364M4K Datasheet HTML 6Page - International Rectifier CPV364M4K Datasheet HTML 7Page - International Rectifier CPV364M4K Datasheet HTML 8Page - International Rectifier CPV364M4K Datasheet HTML 9Page - International Rectifier CPV364M4K Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CPV364M4K
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
100
1000
100
1000
f
d i /d t - (A /µ s)
I = 5.0A
I = 1 5A
I = 3 0A
F
F
F
V = 200 V
T = 125 °C
T = 25°C
R
J
J
0
200
400
600
800
100
1000
f
d i /d t - (A /µ s )
I = 3 0A
I = 15A
I = 5. 0A
F
F
F
V = 200 V
T = 12 5°C
T = 2 5 ° C
R
J
J
1
10
100
100
1000
f
d i /d t - (A / µ s)
I = 5 .0A
I = 15 A
I = 30A
F
F
F
V = 200 V
T = 125 °C
T = 25°C
R
J
J
20
40
60
80
100
100
1000
f
di /dt - (A/µs)
I = 30A
I = 15A
I = 5.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J


Similar Part No. - CPV364M4K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV364M4KPBF VISHAY-CPV364M4KPBF Datasheet
269Kb / 11P
   CPV364M4KPBF (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
More results

Similar Description - CPV364M4K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
CPV362M4FPBF VISHAY-CPV362M4FPBF Datasheet
246Kb / 9P
   IGBT SIP Module
Revision: 10-Jun-15
logo
International Rectifier
CPV363M4K IRF-CPV363M4K Datasheet
176Kb / 10P
   IGBT SIP MODULE
CPV363M4U IRF-CPV363M4U Datasheet
275Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
CPV363M4F IRF-CPV363M4F Datasheet
269Kb / 10P
   IGBT SIP MODULE
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com