Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPG-65 Datasheet(PDF) 1 Page - Total Power International

Part # TPG-65
Description  TPG65 Open Frame P/S
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPG-65 Datasheet(HTML) 1 Page - Total Power International

  TPG-65 Datasheet HTML 1Page - Total Power International TPG-65 Datasheet HTML 2Page - Total Power International TPG-65 Datasheet HTML 3Page - Total Power International TPG-65 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PPS65
SWITCHING MODE 65W OPEN FRAME POWER SUPPLIES
KEY FEATURES
*Universal input
*Built-in EMI filter
*Optional±12VDC/±24VDC/±48VDC input
APPLICATIONS
*Telecommunications
*Computer peripherals/Lan & Hub
*Test & industrial equipments
*Medical instruments
*Business machines
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------30A typical ,Cold start @25℃,115VAC
*Efficiency------------65%~80% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----65W with 15 CFM forced air
(Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5% per inquiry)
65W
40W
25W
10W
0W
32.5W
20W
Power Derating Curve
15 CFM Forced Air Cooling
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE, EN61000-3-2 (Class A) and –3 ; EN61000-4-2,
-3 , -4 , -5 , -6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601 (EMI Class A)(COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER, INT.
TEL:877-646-0900 FAX:978-453-7395
E-mail: sales@total-power.com http://www.total-power.com
-1-
TOTAL POWER INT'L
TPG65 Open Frame P/S


Similar Part No. - TPG-65

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPG-65

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPG65 TOTAL-POWER-TPG65 Datasheet
114Kb / 4P
   OPEN FRAME P/S
logo
ETA-USA
OBQ-SC ETA-USA-OBQ-SC Datasheet
8Mb / 4P
   3W Open Frame
OEJ05SC ETA-USA-OEJ05SC Datasheet
1Mb / 4P
   1.5W Open Frame
DTMF250-SX-F-W6 ETA-USA-DTMF250-SX-F-W6 Datasheet
3Mb / 2P
   250W Open Frame
ZME200-SX-F-W ETA-USA-ZME200-SX-F-W Datasheet
2Mb / 2P
   200W Open Frame
OES-SC ETA-USA-OES-SC Datasheet
4Mb / 3P
   10W Open Frame
FHF-SX ETA-USA-FHF-SX Datasheet
1Mb / 4P
   300W Open Frame
FHP-SX ETA-USA-FHP-SX Datasheet
1Mb / 4P
   450W Open Frame
ZMB-SX-W ETA-USA-ZMB-SX-W Datasheet
3Mb / 3P
   60W Open Frame
OBS05SC ETA-USA-OBS05SC Datasheet
8Mb / 4P
   10W Open Frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com