Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78L09ACLPE3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L09ACLPE3
Description  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L09ACLPE3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UA78L09ACLPE3 Datasheet HTML 2Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 3Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 4Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 5Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 6Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 7Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 8Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 9Page - Texas Instruments UA78L09ACLPE3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output.
6.7 Electrical Characteristics: UA78L06
at specified virtual junction temperature, VI = 12 V, and IO = 40 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Output voltage
VI = 8.5 V to 20 V,
IO = 1 mA to 40 mA
TJ = 25°C
UA78L06C
5.7
6.2
6.7
V
UA78L06AC
5.95
6.2
6.45
TJ = 0°C to 125°C
UA78L06C
5.6
6.8
UA78L06AC
5.9
6.5
TJ = 0°C to 125°C, and IO = 1 mA to 70 mA
UA78L06C
5.6
6.8
UA78L06AC
5.9
6.5
Input voltage
regulation
TJ = 25°C
VI = 8.5 V to 20 V
UA78L06C
35
200
mV
UA78L06AC
35
175
VI = 9 V to 20 V
UA78L06C
29
150
UA78L06AC
29
125
Ripple rejection
TJ = 25°C, VI = 10 V to 20 V, and f = 120 Hz
UA78L06C
39
48
dB
UA78L06AC
40
48
Output voltage
regulation
TJ = 25°C
IO = 1 mA to 100 mA
16
80
mV
IO = 1 mA to 40 mA
9
40
Output noise voltage TJ = 25°C, and f = 10 Hz to 100 kHz
46
µV
Dropout voltage
TJ = 25°C
1.7
V
Bias current
TJ = 25°C
3.9
6
mA
TJ = 125°C
5.5
Bias current change
TJ = 0°C to 125°C
VI = 9 V to 20 V
1.5
mA
IO = 1 mA to 40 mA
UA78L06C
0.2
UA78L06AC
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output.
6.8 Electrical Characteristics: UA78L08
at specified virtual junction temperature, VI = 14 V, and IO = 40 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Output voltage
VI = 10.5 V to 23 V,
IO = 1 mA to 40 mA
TJ = 25°C
UA78L08C
7.36
8
8.64
V
UA78L08AC
7.7
8
8.3
TJ = 0°C to 125°C
UA78L08C
7.2
8.8
UA78L08AC
7.6
8.4
IO = 1 mA to 70 mA
TJ = 0°C to 125°C
UA78L08C
7.2
8.8
UA78L08AC
7.6
8.4
Input voltage
regulation
TJ = 25°C
VI = 10.5 V to 23 V
UA78L08C
42
200
mV
UA78L08AC
42
175
VI = 11 V to 23 V
UA78L08C
36
150
UA78L08AC
36
125
Ripple rejection
VI = 13 V to 23 V, f = 120 Hz, and TJ = 25°C
UA78L08C
36
46
dB
UA78L08AC
37
46
Output voltage
regulation
TJ = 25°C
IO = 1 mA to 100 mA
18
80
mV
IO = 1 mA to 40 mA
10
40
Output noise voltage
f = 10 Hz to 100 kHz, and TJ = 25°C
54
µV
Dropout voltage
TJ = 25°C
1.7
V
Bias current
TJ = 25°C
4
6
mA
TJ = 125°C
5.5


Similar Part No. - UA78L09ACLPE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L09ACLPE3 TI-UA78L09ACLPE3 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLPE3 TI-UA78L09ACLPE3 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLPE3 TI-UA78L09ACLPE3 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLPE3 TI-UA78L09ACLPE3 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLPE3 TI1-UA78L09ACLPE3 Datasheet
693Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L09ACLPE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com