Selected language     English  ā–¼


CS6420-CS Datasheet(PDF) 6 Page - Cirrus Logic

Part No. CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 6 page
background image
CS6420
6
DS205PP2
SWITCHING CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Input rise time
trise
1.0
Āµs
RST low time
tRSTL
1.0
Āµs
CLKI frequency
fXTAL
18.432
20.480
22.528
MHz
CLKI duty cycle
tLCLKI
40
50
60
%
DRDY frequency
fDRDY
DC
fXTAL/ 2560
kHz
STROBE frequency
fSTROBE
DC
9.0
MHz
DRDY to STROBE setup time
tsDRDY
30
ns
DATA to STROBE setup time
tsDATA
30
ns
STROBE to DATA hold time
thDATA
30
ns
STROBE to DRDY hold time
thDRDY
30
ns
Bit15
DATA
DRDY
STROBE
Bit14
Bit0
t sDRDY
t sDATA
t hDATA
t hDRDY
Figure 1. Microcontroller Interface Switching Characteristics




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC2121A14.4 kbps Full Duplex Modem Chip Set With Built-in Protocols 1 2 3 4 5 MoreOKI electronic componets
ML70122400 bps Single Chip Full Duplex Data Modem with Protocol 1 2 3 4 5 MoreOKI electronic componets
PSB4860Digital Answering Machine with Full Duplex Speakerphone SAM EC 1 2 3 4 5 MoreSiemens Semiconductor Group
LT1550WFull Color Dot Matrix LED Unit for Indoor Use Chip Type 1 2 Sharp Electrionic Components
LT1W92A3030 Size 1.1mm Thickness MID* Type Full Color Leadless Chip LED Device 1 Sharp Electrionic Components
MSM7510300 bps Full Duplex FSK Modem - ITU-T V.21 1 2 3 4 5 MoreOKI electronic componets
LAN91C100FDREVDFEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 1 2 3 4 5 MoreSMSC Corporation
ML7041single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th 1 2 3 4 5 MoreOKI electronic componets
NSSM016ATNICHIA CHIP TYPE FULL COLOR LED 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC14406FULL DUPLEX 8-BIT COMPANDED PCM CODEC 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl