Selected language     English  ▼


CS6420-CS Datasheet(PDF) 11 Page - Cirrus Logic

Part No. CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 11 page
background image
CS6420
DS205PP2
11
to shift the next bit into the shift register. The next
data bit should then be presented to the DATA pin
ready to be latched by the rising edge of STROBE.
This procedure repeats for all sixteen bits as shown
in Figure 5. After the last bit has been shifted in,
DRDY should be brought high to indicate the con-
clusion of the transfer, and four extra STROBE
pulses must be applied to latch the data into the
CS6420.
Since the MCR is a shift register, the STROBE can
be run arbitrarily slow with a duty cycle limited
only by the hold time specified in the Switching
Characterstics table. The Microcontroller Interface
is read once every 125
µs, so it must not be updated
faster than this.
Register Definitions
The four control registers accessible through the
MCR are described in detail in the following tables.
These registers are addressed by bits b2 and b1 of
the MCR. Bit b0 must always be 0. Table 2 shows
the relative bit positions of all the registers. Tables
3 to 6 show the four control registers in more detail.
The Register Map at the top of each register de-
scription shows the names of all the bits, with their
reset values below the bitfield name. The reset val-
ue can also be found in the Word column of the bit-
field summary as indicated by an ‘*’.
Table 2. MCR Control Register Mapping
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Mic
TSD
GB
ACC
RVol
TGain
0
0
0
HD
RSD
Taps
NCC
TVol
RGain
0
1
0
NErle
NFNse
RHDet
HDly
NseRmp
RSThd
PCSen
1
0
0
AErle
AFNse
THDet
TSAtt
TSBias
TSThd
HHold
1
1
0
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DATA
DRDY
STROBE
12
34
four extra strobe pulses
Figure 5. Microcontroller Interface




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC2121A14.4 kbps Full Duplex Modem Chip Set With Built-in Protocols 1 2 3 4 5 MoreOKI electronic componets
ML70122400 bps Single Chip Full Duplex Data Modem with Protocol 1 2 3 4 5 MoreOKI electronic componets
PSB4860Digital Answering Machine with Full Duplex Speakerphone SAM EC 1 2 3 4 5 MoreSiemens Semiconductor Group
LT1550WFull Color Dot Matrix LED Unit for Indoor Use Chip Type 1 2 Sharp Electrionic Components
LT1W92A3030 Size 1.1mm Thickness MID* Type Full Color Leadless Chip LED Device 1 Sharp Electrionic Components
MSM7510300 bps Full Duplex FSK Modem - ITU-T V.21 1 2 3 4 5 MoreOKI electronic componets
LAN91C100FDREVDFEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 1 2 3 4 5 MoreSMSC Corporation
ML7041single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th 1 2 3 4 5 MoreOKI electronic componets
NSSM016ATNICHIA CHIP TYPE FULL COLOR LED 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC14406FULL DUPLEX 8-BIT COMPANDED PCM CODEC 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl