Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84321I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 84321I
Description  260MHz, Crystal-to-3.3V Differential
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

84321I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 84321I Datasheet HTML 6Page - Integrated Device Technology 84321I Datasheet HTML 7Page - Integrated Device Technology 84321I Datasheet HTML 8Page - Integrated Device Technology 84321I Datasheet HTML 9Page - Integrated Device Technology 84321I Datasheet HTML 10Page - Integrated Device Technology 84321I Datasheet HTML 11Page - Integrated Device Technology 84321I Datasheet HTML 12Page - Integrated Device Technology 84321I Datasheet HTML 13Page - Integrated Device Technology 84321I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL
LVPECL FREQUENCY SYNTHESIZER
84321I DATA SHEET
10
REVISION B 11/5/15
The schematic of the 84321I layout example used in this layout
guideline is shown in Figure 5A. The 84321I recommended
PCB board layout for this example is shown in Figure 5B. This
layout example is used as a general guideline. The layout in the
LAYOUT GUIDELINE
FIGURE 5A. SCHEMATIC OF RECOMMENDED LAYOUT
actual system will depend on the selected component types,
the density of the components, the density of the traces, and
the stack up of the P.C. board.
As in any high speed analog circuitry, the power supply
pins are vulnerable to random noise. The 84321I provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA, and
V
CCO should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 4 illustrates how
a 24
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 4. POWER SUPPLY FILTERING
24
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
R4
84
+
-
VCCA
U1
ICS84321
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
M5
M6
M7
M8
N0
N1
nc
VEE
MR
S_CLOCK
S_DATA
S_LOAD
VCCA
nXTAL_SEL
T_CLK
XTAL2
R1
125
S_CLOCK
TL2
Zo = 50 Ohm
C15
0.1u
R7
24
VCC
C16
10u
IN-
R3
125
XTAL_SEL
TL1
Zo = 50 Ohm
C11
0.01u
C14
0.1u
IN+
C2
C1
S_LOAD
R2
84
S_DATA
VCC
REF_IN
X1


Similar Part No. - 84321I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
More results

Similar Description - 84321I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84321I ICST-ICS84321I Datasheet
301Kb / 16P
   260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84321 ICST-ICS84321 Datasheet
204Kb / 18P
   260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
   260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS84320I-01 ICST-ICS84320I-01 Datasheet
192Kb / 5P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL
ICS84021 ICST-ICS84021 Datasheet
253Kb / 14P
   260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84021 RENESAS-84021 Datasheet
601Kb / 20P
   260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
Rev E 9/23/15
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com