Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

842023 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 842023
Description  Femtoclock??Crystal-to-HSTL Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

842023 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 842023 Datasheet HTML 6Page - Integrated Device Technology 842023 Datasheet HTML 7Page - Integrated Device Technology 842023 Datasheet HTML 8Page - Integrated Device Technology 842023 Datasheet HTML 9Page - Integrated Device Technology 842023 Datasheet HTML 10Page - Integrated Device Technology 842023 Datasheet HTML 11Page - Integrated Device Technology 842023 Datasheet HTML 12Page - Integrated Device Technology 842023 Datasheet HTML 13Page - Integrated Device Technology 842023 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FEMTOCLOCK™ CRYSTAL-TO-HSTL CLOCK GENERATOR
10
Rev A 8/14/15
842023 DATA SHEET
Power Considerations
This section provides information on power dissipation and junction temperature for the 842023.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 842023 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VDD= 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (84mA + 11mA) = 329.18mW
Power (outputs)MAX = 94.32mW/Loaded Output pair
Total Power_MAX (3.465V, with all outputs switching) = 329.18mW + 94.32mW = 423.49mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature is 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 129.5°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.423W * 129.5°C/W = 124.8°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (multi-layer).
Table 7. Thermal Resistance JA for 8 Lead TSSOP, Forced Convection
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
129.5°C/W
125.5°C/W
123.5°C/W


Similar Part No. - 842023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
842023 RENESAS-842023 Datasheet
440Kb / 16P
   Femtoclock™ Crystal-to-HSTL Clock Generator
8/14/15
More results

Similar Description - 842023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
842023 RENESAS-842023 Datasheet
440Kb / 16P
   Femtoclock™ Crystal-to-HSTL Clock Generator
8/14/15
logo
Integrated Circuit Syst...
ICS842031I-01 ICST-ICS842031I-01 Datasheet
152Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO- HSTL CLOCK GENERATOR
ICS842023I ICST-ICS842023I Datasheet
152Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO- HSTL CLOCK GENERATOR
logo
Integrated Device Techn...
844201 IDT-844201 Datasheet
541Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
   FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS845252I IDT-ICS845252I Datasheet
773Kb / 17P
   FemtoClock??Crystal-to-CML Clock Generator
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844251-14 IDT-ICS844251-14 Datasheet
805Kb / 16P
   FEMTOCLOCK??CRYSTAL-TO-LVDS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com