Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843034EY-06LFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 843034EY-06LFT
Description  FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843034EY-06LFT Datasheet(HTML) 3 Page - Integrated Device Technology

  843034EY-06LFT Datasheet HTML 1Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 2Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 3Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 4Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 5Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 6Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 7Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 8Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REVISION B 8/17/15
843034-06 DATA SHEET
3
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
SPREAD SPECTRUM MODULATION
The 843034-06 offers the option of a spread spectrum modulated
output clock. The spread spectrum is controlled via 4 bits in the
serial bit stream. These four bits configure the SSM to be enabled
and the amount of spread modulation to be selected. See Table
1 for the definition of the four bits. The four bits are added at the
beginning of the serial data stream and are labeled SS3, SS2, SS1
TABLE 1. SSM OPERATION
SS Bit Pattern
Operation
SS3
SS2
SS1
SS0
Mode
%
0
0
0
0
off
0
0
0
0
1
center
±0.25
0
0
1
0
center
±0.25
0
0
1
1
center
±0.85
0
1
0
0
center
±0.85
0
1
0
1
center
±1.45
0
1
1
0
center
±1.45
0
1
1
1
center
±1.7
1
0
0
0
off
0
1
0
0
1
down
-0.25
1
0
1
0
down
-0.25
1
0
1
1
down
-0.75
1
1
0
0
down
-0.75
1
1
0
1
down
-1.25
1
1
1
0
down
-1.25
1
1
1
1
down
-1.5
NOTE: SS modulation frequency is approximately 32kHz using
reference frequency of 22.22MHz, providing a VCO frequency of
666.66MHz.
and SS0. The initial state of SS3, SS2, SS1 and SS0 is 0, 0, 0, 0
which places the 843034-06 in the mode of spread spectrum off.
Additionally, a parallel load will result in spread spectrum modulation
being off.The 843034-06 offers down-spread or center-spread using
triangle-wave modulation. NOTE: PLL operation not guaranteed for
M >31 when using center spread.
POWER-UP OPERATION
The 843034-06 has internal power–up reset circuitry that initiates
the phase lock loop to automatically acquire lock on power-up. On
power-up the M/N values for the feedback and output dividers will be
acquired from the M and N pins if nP_Load is held Low. If nP_Load
is High during power-up, M/N values are indeterminate. The M/N
values may be changed by either changing the values on the M/N
pins when nP_LOAD is low or with a serial load when nP_LOAD is
high and S_LOAD is low.
Any time there is a change in the input frequency, either due to an
external change or a change in the SEL pins, the MR pin must go
high and low to relock to the new input frequency. A change in the
M feedback divider by either a serial or parallel load will also cause
a relock to the new input frequency.
MR PIN OPERATION


Similar Part No. - 843034EY-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034EYI-06LF IDT-843034EYI-06LF Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034EYI-06LFT IDT-843034EYI-06LFT Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
More results

Similar Description - 843034EY-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034I-06 IDT-843034I-06 Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
ICS843034 RENESAS-ICS843034 Datasheet
954Kb / 31P
   FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
December 2, 2015
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843002 IDT-843002 Datasheet
379Kb / 17P
   Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252-45 IDT-8430252-45 Datasheet
237Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252I-45 IDT-8430252I-45 Datasheet
295Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com