Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843034EY-06LFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 843034EY-06LFT
Description  FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843034EY-06LFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 843034EY-06LFT Datasheet HTML 3Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 4Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 5Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 6Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 7Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 8Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 9Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 10Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REVISION B 8/17/15
843034-06 DATA SHEET
7
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
TABLE 5A. POWER SUPPLY DC CHARACTERISTICS, V
CC
= V
CCO_A
= V
CCO_B
= V
CCO_REF
= 3.3V±5%, V
EE
= 0V, TA = 0°C TO 75°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC
+ 0.5V
Outputs, V
O
(LVCMOS)
-0.5V to V
CCO
+ 0.5V
Outputs, I
O
(LVPECL)
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
65.7°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
V
CC
– 0.17
3.3
V
CC
V
V
CCO_A,
V
CCO_B,
V
CCO_REF
Output Supply Voltage
3.135
3.3
3.465
V
I
EE
Power Supply Current
173
mA
I
CCA
Analog Supply Current
17
mA
TABLE 5B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC
= V
CCO_REF
= 3.3V±5%, V
EE
= 0V, TA = 0°C TO 75°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
CC
+ 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input
High Current
REF_CLK, MR,
SEL[1:0], OE_REF,
S_CLOCK, S_DATA,
S_LOAD, nP_LOAD,
NA2, M1:M4, M6:M8
V
CC
= V
IN
= 3.465V
150
µA
OE_A, M5, OE_B,
VCO_SEL, NA0, NA1
V
CC
= V
IN
= 3.465V
5
µA
I
IL
Input
Low Current
REF_CLK, MR,
SEL[1:0], OE_REF,
S_CLOCK, S_DATA,
S_LOAD, nP_LOAD,
NA2, M1:M4, M6:M8
V
CC
= 3.465V,
V
IN
= 0V
-5
µA
OE_A, M5, OE_B,
VCO_SEL, NA0, NA1
V
CC
= 3.465V,
V
IN
= 0V
-150
µA
V
OH
Output
High Voltage
TEST; NOTE 1
V
CCO_REF
= 3.3V±5%
2.6
V
REF_OUT
V
CCO_REF
- 0.3V
V
V
OL
Output
Low Voltage
TEST; NOTE 1
V
CCO_REF
= 3.3V±5%
0.5
V
REF_OUT
0.4
V
NOTE 1: Outputs terminated with 50
Ω to V
CCO_REF
/2. See Parameter Measurement Information Section, “Output Load Test
Circuit Diagrams.


Similar Part No. - 843034EY-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034EYI-06LF IDT-843034EYI-06LF Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034EYI-06LFT IDT-843034EYI-06LFT Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
More results

Similar Description - 843034EY-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034I-06 IDT-843034I-06 Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
ICS843034 RENESAS-ICS843034 Datasheet
954Kb / 31P
   FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
December 2, 2015
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843002 IDT-843002 Datasheet
379Kb / 17P
   Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252-45 IDT-8430252-45 Datasheet
237Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252I-45 IDT-8430252I-45 Datasheet
295Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com