Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843034EY-06LFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 843034EY-06LFT
Description  FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843034EY-06LFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 843034EY-06LFT Datasheet HTML 4Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 5Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 6Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 7Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 8Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 9Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 10Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 11Page - Integrated Device Technology 843034EY-06LFT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034-06 DATA SHEET
8
REVISION B 8/17/15
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
nCLK
V
IN
= V
CC
= 3.465V
150
µA
CLK
V
IN
= V
CC
= 3.465V
150
µA
I
IL
Input Low Current
nCLK
V
IN
= 0V, V
CC
= 3.465V
-150
µA
CLK
V
IN
= 0V, V
CC
= 3.465V
-5
µA
V
PP
Peak-to-Peak Input Voltage; NOTE 1
0.15
1.3
V
V
CMR
Common Mode Input Voltage; NOTE 1, 2
V
EE
+ 0.5
V
CC
- 0.85
V
NOTE 1: V
IL
should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as V
IH
.
TABLE 5C. DIFFERENTIAL DC CHARACTERISTICS, V
CC
= V
CCO_A
= V
CCO_B
= 3.3V±5%, V
EE
= 0V, TA = 0°C TO 75°C
TABLE 5D. LVPECL DC CHARACTERISTICS, V
CC
= V
CCO_A
= V
CCO_B
= 3.3V±5%, V
EE
= 0V, TA = 0°C TO 75°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
V
CCO
- 1.4
V
CCO
- 0.9
V
V
OL
Output Low Voltage; NOTE 1
V
CCO
- 2.0
V
CCO
- 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50
Ω to V
CCO_A,
V
CCO_B
- 2V.
TABLE 6. INPUT FREQUENCY CHARACTERISTICS, V
CC
= V
CCO_A
= V
CCO_B
= V
CCO_REF
= 3.3V±5%, V
EE
= 0V, TA = 0°C TO 75°C
TABLE 7. CRYSTAL CHARACTERISTICS
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
12
40
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
IN
Input Frequency
XTAL_IN0/XTAL_OUT0,
XTAL_IN1/XTAL_OUT1
12
40
MHz
CLK/nCLK, REF_CLK
12
40
MHz
S_CLOCK
50
MHz
NOTE: For the input crystal, CLK/nCLK and REF_CLK frequency range, the M value must be set for the VCO to operate with-
in the 600MHz to 750MHz range. Using the minimum input frequency of 12MHz, valid values of M are 50
≤ M ≤ 62. Using the
maximum frequency of 40MHz, valid values of M are 15
≤ M ≤ 18.


Similar Part No. - 843034EY-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034EYI-06LF IDT-843034EYI-06LF Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034EYI-06LFT IDT-843034EYI-06LFT Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
More results

Similar Description - 843034EY-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034I-06 IDT-843034I-06 Datasheet
542Kb / 25P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
ICS843034 RENESAS-ICS843034 Datasheet
954Kb / 31P
   FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
December 2, 2015
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843002 IDT-843002 Datasheet
379Kb / 17P
   Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252-45 IDT-8430252-45 Datasheet
237Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252I-45 IDT-8430252I-45 Datasheet
295Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com