Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843081AGI-01LF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 843081AGI-01LF
Description  FemtoClock짰 Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843081AGI-01LF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 843081AGI-01LF Datasheet HTML 3Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 4Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 5Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 6Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 7Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 8Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 9Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 10Page - Integrated Device Technology 843081AGI-01LF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REVISION C 11/5/15
843081I-01 DATA SHEET
7
FEMTOCLOCKS® CRYSTAL-TO-
3.3V, 2.5V LVPECL CLOCK MULTIPLIER
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply
pins are vulnerable to random noise. The 843081I-01 pro-
vides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC and VCCA
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
CCA pin. The 10
Ω resistor
can also be replaced by a ferrite bead.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V or 2.5V
.01
μF
V
CC
Figure 2. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The 843081I-01 has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using an 18pF parallel reso-
nant crystal and were chosen to minimize the ppm error. The
optimum C1 and C2 values can be slightly adjusted for different
board layouts.
ICS843081I-01
0
0
III-0
I-0
---
I-0
I 0
0
I-0
0
I 0
0
I 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
I 1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
IIC
C
CS
ICS
CS
C
C
CS
C
C
C
ICS
S
S
S
S
CS
CS
C
C
CS
CS
CS
S
S
S
S
S
C
CS
C
CS
CS
CS
S
S
S
S
C
CS
C
CS
CS
CS
S
S
CS
C
C
C
CS
S
S
CS
CS
S
S
S
S
S
CS
S
S
S
CS
CS
CS
S
S
S
S
S
C
CS
S
S
CS
C
C
CS
S
S
C
CS
S
C
C
CS
S
S
S
IC
C
CS
CS
S
S843
843
843
843
8
8
843
843
843
4
84
43
3
3
3
843
3
8
8
843
843
843
843
84
4
4
4
43
3
3
3
843
8
843
843
84
843
84
4
4
43
843
843
3
843
84
8
843
8
8
84
4
4
4
43
3
8
84
4
84
43
4
84
43
8
8
84
4
4
4
43
8
8
8
843
84
4
4
4
4
43
3
3
8
8
84
4
4
4
43
3
3
8
843
843
3
8
8
843
8
8
8
843
3
3
8
8
843
4
43
3
3081
081
081
081
081
08
0
0
08
8
081
081
8
8
8
081
08
0
081
08
08
0
08
8
081
8
8
8
8
81
81
081
81
0
0
0
081
0
0
0
081
8
8
81
1
1
08
0
0
0
08
8
8
081
1
1
0
081
0
0
0
08
8
081
1
1
08
81
081
0
0
0
08
8
8
81
1
1
081
0
0 1
1
1
08
0
0
0
0
08
08
8
8
8
81
8
81
081
08
0
08
8
8


Similar Part No. - 843081AGI-01LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843081I-01 RENESAS-843081I-01 Datasheet
425Kb / 17P
   FemtoClock® Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
11/5/15
More results

Similar Description - 843081AGI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843022I-02 IDT-843022I-02 Datasheet
520Kb / 17P
   FemtoClock짰 Crystal-to-3.3V, 2.5V LVPECL Clock Generator
logo
Integrated Circuit Syst...
ICS843081I-01 ICST-ICS843081I-01 Datasheet
195Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK MULTIPLIER
logo
Renesas Technology Corp
843081I-01 RENESAS-843081I-01 Datasheet
425Kb / 17P
   FemtoClock® Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
11/5/15
logo
Integrated Device Techn...
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
   FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
   FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
logo
Integrated Device Techn...
843071 IDT-843071 Datasheet
443Kb / 18P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com