Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9421 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG9421 Datasheet HTML 1Page - Vishay Siliconix DG9421 Datasheet HTML 2Page - Vishay Siliconix DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DG9421/DG9422
Vishay Siliconix
Document Number: 70679
S-21424—Rev. C, 26-Aug-02
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
-60
-40
-20
0
20
40
60
80
100
100
10
1
V+ = 5 V
V- = 0 V
Input Switching Frequences (Hz)
10 m
1 m
100
m
10
m
1
m
100 n
10 n
10
100
1 K
10 K
100 K
1 M
10 M
0
2
4
6
8
10
02468
10
12
rON vs. VCOM and Supply Voltage
rON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
VCOM - Analog Voltage (V)
Temperature (
_C)
Supply Current vs. Temperature
Leakage Current vs. Temperature
V+ = 12 V
Drain Voltage (V)
I(on)
A
B
C
0
2
4
6
8
-5
-3
-1
1
3
5
V
" = "5 V
IS = 5 mA
V+ = 10.8 V
V+ = 5.0 V
V+ = 3.0 V
VCOM - Analog Voltage (V)
T = 25
_C
IS = 5 mA
A
B
C
A
B
C
0
2
4
6
8
10
012345
IS = 5 mA
V+ = 3.0 V
V+ = 5.0 V
A = 85
_C
B = 25
_C
C = -40
_C
rON vs. Analog Voltage and Temperature
Temperature (
_C)
I(off)
-60
-40
-20
0
20
40
60
80
100
1000
100
10
V+ =
"5 V
VIN = 0 V
A = 85
_C
B = 25
_C
C = -40
_C


Similar Part No. - DG9421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9421 VISHAY-DG9421 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421DV-T1 VISHAY-DG9421DV-T1 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421DV-T1 VISHAY-DG9421DV-T1 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
More results

Similar Description - DG9421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com